Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 14 of 28
Table 8. VDD Level at Which the VBAT Low Function Is Enabled
Bit Name
V
DD Level
V_VB_LO
000 = disabled (default)
001 = 3.3 V
010 = 3.35 V
011 = 3.4 V
100 = 3.45 V
101 = 3.5 V
110 = 3.55 V
111 = 3.6 V
PROGRAMMABLE BATTERY DC CURRENT LIMIT
The ADP1649 has four optional programmable input dc current
limits that limit the maximum input battery current over all con-
ditions. This allows use of higher LED currents in a system with
significant variation in LED forward voltage (VF) and supply
battery voltage without risk of exceeding the current allocated
to the flash.
Table 9. Input DC Current Limit Setting the LED Current
Bit Name
Current Limit
IL_DC
00 = 1.5 A
01 = 1.75 A
10 = 2.0 A (default)
11 = reserved
During startup of the flash, if the battery current does not reach
the dc current limit, the LED current is set to the current value
of the I_FL bits. If the battery current reaches the programmed
dc current limit on startup, the LED current does not increase
further. The dc current limit flag is set in the fault information
register. The I_FL bits in Register 0x03 are set to the automatically
reduced current-limit LED current and are available for readback.
Figure 32. DC Current-Limit Operation in a Low Battery, High LED VF Case
The camera system shown in Figure 33 can adjust the image
sensor settings based on the known reduced LED current for a
low battery and a high VF LED.
Figure 33. Use of the DC Current Limit in an Optimized Camera System
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
REG 0x07 IL_DC_EN = 1
REG 0x07 IL_DC = XX A
I2C DATA BUS
STROBE
ADP1649 SETS OUTPUT_EN TO 0.
ADP1649 SETS LED_MOD TO 00.
NO LIMIT LED CURRENT
ACTUAL LED CURRENT
ADP1649 SETS FL_IDC (REG 0x05) TO 1.
ADP1649 SETS I_FL TO ACTUAL LED CURRENT.
REG 0x04, OUTPUT_EN = 1
STR_LV = 1
LED_MOD = 11
SELECT FLASH CURRENT
SELECT MAX BATTERY CURRENT
PREFLASH STROBE
DC LIMIT HIT?
LED CURRENT =
PROGAMMED LED
CURRENT
NO
LED CURRENT =
REDUCED LED CURRENT
YES
BATTERY CURRENT =
PROGRAMMED DC LIMIT
I2C READ LED CURRENT
ADJUST IMAGE SENSOR
STROBE
STROBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com