Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 9 of 28
Figure 11. Exit from TxMASK1 Mode
Figure 12. Switching Frequency vs. Supply Voltage (3 MHz Mode)
Figure 13. Standby Current vs. Temperature
Figure 14. Flash Mode Efficiency vs. LED Current
Figure 15. Voltage Regulation Mode Efficiency vs. Load Current
Figure 16. ADC External Voltage Mode Transfer Characteristic
CH1 2.00V
CH2 500mA
CH4 2.00V
CH3 500mA
M20.00µs
A CH1
1.20V
3
4
2
1
T
80.00µs
LED_OUT
IBAT
ILED
GPIO (TxMASK1)
2.94
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
0
1
2
3
4
5
6
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
0
10
20
30
40
50
60
70
80
90
100
0.3
0.5
0.7
0.9
1.0
LED CURRENT (A)
VIN = 4.2V
VIN = 3.6V
VIN = 3.4V
VIN = 3.2V
40
50
60
70
80
90
100
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
0
50
100
150
200
250
300
350
400
450
500
550
ADC INPUT VOLTAGE (mV)
0010
0000
0100
0110
1000
1010
1100
1110
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com