Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 17 of 28
SAFETY FEATURES
For critical fault conditions, such as output overvoltage, flash
timeout, LED output short-circuit, and overtemperature
conditions, the ADP1649 has built-in protection modes. If a
critical fault occurs, OUTPUT_EN (Register 0x04) is set to 0,
and the driver shuts down. The appropriate fault bit is set in the
fault information register (Register 0x05). The processor can
read the fault information register through the I2C interface to
determine the nature of the fault condition. When the fault
register is read, the corresponding fault bit is cleared.
If a noncritical event such as an indicator LED open-circuit,
short-circuit, TxMASK1, or TxMASK2 event occurs, or if the dc
or soft inductor current limit is reached, the LED driver continues
operating. The corresponding information bits are set in the
fault information register until the processor reads them.
SHORT-CIRCUIT FAULT
When the flash driver is disabled, the high-side current regulator
disconnects the dc path between the battery and the LED, pro-
tecting the system from an LED short circuit. The LED_OUT
pin features short-circuit protection that monitors the LED
voltage when the LED driver is enabled. If the LED_OUT pin
remains below the short-circuit detection threshold, a short
circuit is detected. Bit 6 of the fault information register is set
high. The ADP1649 remains disabled until the processor clears
the fault register.
OVERVOLTAGE FAULT
The ADP1649 contains a comparator at the VOUT pin that
monitors the voltage between VOUT and GND. If the voltage
exceeds 5.5 V (typical), the ADP1649 shuts down. Bit 7 in the
fault information register is read back as high. The ADP1649 is
disabled until the fault is cleared, ensuring protection against an
open circuit.
DYNAMIC OVERVOLTAGE MODE (DOVP)
Dynamic OVP mode is a programmable feature that limits the
VOUT voltage exceeding the OVP level while maintaining as
much current as possible through the LED. This mode prevents
an overvoltage fault in the case of a much higher than expected
LED forward voltage. If the LED forward voltage reduces due to
the LED temperature rising, the ADP1649 moves out of DOVP
mode and regulates the LED at the programmed current level.
Set Bit 7 of Register 0x07 high to enable the DOVP mode.
TIMEOUT FAULT
When the external strobe mode is enabled (Register 0x04, Bit 2)
and the strobe enable bit is set to the level sensitive mode
(Register 0x04, Bit 5), then, if the STROBE pin remains high for
longer than the programmed timeout period, the timeout fault
bit (Register 0x05, Bit 4) is read back as high. The ADP1649
remains disabled until the processor clears the fault register.
OVERTEMPERATURE FAULT
When the junction temperature of the ADP1649 rises above
150°C, a thermal protection circuit shuts down the device. Bit 5 of
the fault information register is set high. The ADP1649 remains
disabled until the processor clears the fault register.
INDICATOR LED FAULT
The GPIO2 pin features open-circuit and short-circuit protec-
tion in the indicator LED mode. If a short circuit or open circuit
occurs, Bit 2 of the fault information register is set high. The
indicator LED regulator ensures that no damage occurs to the
IC during a fault.
CURRENT LIMIT
The internal switch limits battery current by ensuring that the
peak inductor current does not exceed the programmed limit
(Bit 6 and Bit 7 in Register 0x04 set the current limit). The default
mode of the ADP1649 is soft current-limit mode. If the peak
inductor current limit is reached, Bit 1 of the fault information
register is set, and the inductor and LED current cannot increase
further although the ADP1649 continues to operate. If the
ADP1649 has soft current limit disabled and the peak inductor
current exceeds the limit, the device shuts down and Bit 1 of the
fault information register is set high. In this case, the ADP1649
remains disabled until the processor clears the fault register.
INPUT UNDERVOLTAGE
The ADP1649 includes a battery undervoltage lockout circuit.
During 5 V or LED operation, the battery voltage dropping
below the 2.4 V (typical) input UVLO threshold shuts down the
ADP1649. A power-on reset circuit resets the registers to their
default conditions when the voltage rises above the UVLO rising
threshold.
SOFT START
The ADP1649 has a soft start mode that controls the rate of
increase of battery current at startup by digitally controlling the
output current ramp. The maximum soft start time is 0.6 ms.
RESET USING THE ENABLE (EN) PIN
A low to high transition on the EN pin resets all registers to
their default values. Bringing EN low reduces the IQ to 0.2 µA
(typical).
CLEARING FAULTS
The information bits and faults in Register 0x05 automatically
clear when the processor reads the fault register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com