Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
PGND
Power Ground.
A2
SGND
Signal Ground.
A3
VIN
Input Voltage for the Device. Connect an input bypass capacitor close to this pin.
B1
SW
Boost Switch. Connect the power inductor between SW and the input capacitor.
B2
GPIO2
General-Purpose Input/Output for the ILED/TxMASK2/ADC Modes. These modes are register selectable. This is
a multifunction pin for the red indicator LED current source, TxMASK2, or ADC input.
ILED Mode. For the ILED mode, connect this pin to the red LED anode. Connect the LED cathode to power
ground.
TxMASK2 Mode. TheTxMASK2 function of this pin reduces the current to the programmable TxMASK2 current.
ADC Mode. The ADC function of this pin is used as the input pin for the ADC.
B3
GPIO1
General-Purpose Input/Output for the Torch/TxMASK1 Modes. These modes are register selectable. This is a
multifunction pin for the external torch mode or TxMASK1 input.
Torch Mode. Enables the integrated circuit (IC) in direct torch mode.
TxMASK1 Mode. Reduces the flash current to the programmable TxMASK1 current.
C1
VOUT
Boost Output. Connect an output bypass capacitor very close to this pin. VOUT is the output for the 5 V
external voltage mode.
C2
STROBE
Strobe Signal Input. STROBE synchronizes the flash pulse to the image capture. In most cases, this signal
comes directly from the image sensor.
C3
EN
Enable. Set EN low to bring the quiescent current (I
Q) to <1 µA. Registers are set to their defaults when EN is
brought from low to high.
D1
LED_OUT
LED Current Source. Connect the LED_OUT pin to the anode of the flash LED.
D2
SDA
I2C Data Signal in I2C Mode.
D3
SCL
I2C Clock Signal in I2C Mode.
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
PGND
SGND
VIN
SW
GPIO2
GPIO1
VOUT
STROBE
EN
LED_OUT
SDA
SCL
1
A
B
C
D
2
3
BALL A1
INDICATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com