Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Start-Up Flash Mode, VIN = 3.6 V, ILED = 1000 mA
Figure 6. Start-Up Torch Mode, VIN = 3.6 V, ILED = 100 mA
Figure 7. 100 mA Torch to 1000 mA Flash Transition
Figure 8. Switching Waveforms, Flash Mode, ILED = 1000 mA
Figure 9. Pass Through to Boost Mode Transition, ILED = 100 mA
Figure 10. Entry into TxMASK1 Mode
CH1 5.00V
CH2 1.00A
CH4 1.00V
CH3 500mA
M100.0µs
A CH1
1.00V
3
4
2
1
T
400µs
LED_OUT
ILED
IL
STROBE
CH1 5.00V
CH2 100mA
CH4 2.00V
CH3 100mA
M1.00ms
A CH1
1.00V
3
4
2
1
T
4.00ms
LED_OUT
ILED
IL
GPIO (TORCH)
CH1 5.00V
CH2 1.00A
CH4 1.00V
CH3 500mA
M100.0µs
A CH1
1.00V
3
4
2
1
T
400µs
LED_OUT
ILED
IL
STROBE
CH1 2.00V
CH2 500mA
CH3 500mA
M100.0ns
A CH1
2.40V
3
2
1
T
4.00ms
ILED
IL
SWITCH
CH1 2.00V
CH2 100mA
CH4 2.00V
CH3 100mA
M500.0µs
A CH1
1.00V
3
4
2
1
T
1.5ms
VIN
ILED
IL
LED_OUT
CH1 2.00V
CH2 500mA
CH4 2.00V
CH3 500mA
M10.00µs
A CH1
1.00V
3
4
2
1
T
20.00µs
LED_OUT
IBAT
ILED
GPIO (TxMASK1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com