Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 18 of 28
I²C INTERFACE
The ADP1649 includes an I2C-compatible serial interface for
control of the LED current, as well as for readback of the system
status registers. The I2C chip address is 0x30 (0x60 in write
mode and 0x61 in read mode). Additional I2C addresses are
available on request.
Figure 39 illustrates the I2C write sequence to a single register.
The subaddress content selects which of the nine ADP1649
registers is written to. The ADP1649 sends an acknowledgment
to the master after the 8-bit data byte has been written. Figure 40
shows the I2C read sequence of a single register. See the I²C
Register Map section for a list of register definitions.
Figure 39. I2C Single Register Write Sequence
Figure 40. I2C Single Register Read Sequence
SUBADDRESS
CHIP ADDRESS
0
1
1
0
0
0
0
0
0
0
0 = WRITE
0
ADP1649 RECEIVES
DATA
S
T
S
P
MASTER
STOP
CHIP ADDRESS
0
1
1
0
0 0
0
0
0
1
0
MASTER
STOP
CHIP ADDRESS
S
T
S
T
0 1
1
0
0
0
0
0
1
0
0 = WRITE
1 = READ
S
P
ADP1649 SENDS
DATA
SUBADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com