Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 20 of 28
Table 12. Current Set Register (Register 0x03)
Bit
Bit Name
R/W
Description
[7:3]
I_FL
R/W
Flash current value setting
00000 = 300 mA
00001 = 350 mA
00010 = 400 mA
00011 = 450 mA
00100 = 500 mA
00101 = 550 mA
00110 = 600 mA
00111 = 650 mA
01000 = 700 mA
01001 = 750 mA
01010 = 800 mA
01011 = 850 mA
01100 = 900 mA
01101 = 950 mA
01110 = 1000 mA (default)
Codes above 01110 are reserved
[2:0]
I_TOR
R/W
Torch and assist light current value setting
000 = 25 mA
001 = 50 mA
010 = 75 mA
011 = 100 mA (default)
100 = 125 mA
101 = 150 mA
110 = 175 mA
111 = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com