Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 25Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 27Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 24 of 28
Table 18. Battery Low Mode Register (Register 0x09)
Bit
Bit Name
R/W
Description
7
CL_SOFT
R/W
Soft inductor peak current limit
0 = disabled (ADP1649 is disabled when the inductor peak current limit is reached)
1 = enabled (default)
[6:3]
I_VB_LO
R
Current setting for V
BAT low mode
0000 = 300 mA
0001 = 350 mA
0010 = 400 mA
0011 = 450 mA
0100 = 500 mA
0101 = 550 mA
0110 = 600 mA
0111 = 650 mA
1000 = 700 mA
1001 = 750 mA
1010 = 800 mA (default)
1011 = 850 mA
1100 = 900 mA
1101 = 950 mA
1110 = 1000 mA
1111 = reserved
[2:0]
V_VB_LO
R/W
V
DD level where VBAT low function is enabled
000 = disabled (default)
001 = 3.3 V
010 = 3.35 V
011 = 3.4 V
100 = 3.45 V
101 = 3.5 V
110 = 3.55 V
111 = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com