Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 15 of 28
ANALOG-TO-DIGITAL CONVERTER OPERATION
The internal 4-bit analog-to-digital converter (ADC) is config-
urable to measure the LED VF, the integrated circuit (IC) die
temperature, or to measure an external voltage using the GPIO2
pin. Read the 4-bit resolution output code from Register 0x08
using the I2C interface.
Figure 34. Available ADC Modes
The ADC can perform the conversion immediately on an I2C
command or it can delay the conversion until the next time the
ADP1649 exits an active mode. Delayed conversion can be
useful, for example, for measuring the IC temperature at the
end of a timed flash period.
To set up a delayed conversion, set ADC_EN to the required
mode while OUTPUT_EN = 0. Next, set the ADP1649 to the
desired output mode (torch, flash assist light, or 5 V output) and
set OUTPUT_EN = 1. The ADC conversion is performed when
the ADP1649 exits the chosen mode.
To perform an immediate conversion, set ADC_EN to the
required mode during ADP1649 operation (OUTPUT_EN = 1).
Note that an ADC conversion cannot be performed when the
ADP1649 is idle. This is interpreted as an attempt to set up a
delayed conversion.
LED VF Mode
The ADC can measure the LED VF in both flash and assist/torch
modes. In torch mode, set ADC_EN = 01 to begin a conversion.
The value can be read back from the ADC_VAL[5:2] bits 1 ms
after the conversion has started. Assist/torch mode, rather than
flash mode, is best in the handset production test to verify the
LED VF.
Figure 35. ADC Timing for All Modes Except VF Measurement in Flash Mode
In flash mode, set ADC_EN = 01. The conversion occurs imme-
diately before the timeout; therefore, the FL_TIM bits set when
the ADC sample occurs. This allows the VF to settle from the
initial peak as the junction temperature of the LED stabilizes.
An LED temperature vs. flash time profile for the handset PCB
design can be generated during the design phase by varying the
FL_TIM bits from the lowest to the highest setting and collecting a
VF sample on each flash.
Figure 36. ADC Timing for VF Measurement in Flash Mode
Die Temperature Mode
The ADC measures the IC die temperature and provides the result
to the I2C interface. This is useful during the design phase of the
flash system to optimize PCB layout for the best thermal design.
Write ADC_EN = 10 to begin a die temperature measurement.
The value can be read back from the ADC_VAL[5:2] bits 1 ms
after the conversion has started. The most stable and accurate value
of the die temperature is available at the end of the flash pulse.
External Voltage Mode
The ADC measures the voltage on the GPIO2 pin when the GPIO2
is configured as an ADC input by setting IO2_CFG = 11. One
example is using an external temperature dependent resistor to
create a voltage based on the temperature of the flash LED. The
EN line can be used for biasing to reduce leakage current when
the flash is not being used.
5 V OUTPUT OPERATION
The ADP1649 can be used as a 5 V boost to supply up to 500 mA
for an audio voltage rail or keypad LED driver voltage. To move
into voltage regulation mode, the OUTPUT_EN bit must be set
to 0. To enable the 5 V output, set LED_MOD[1:0] = 01, and set
OUTPUT_EN = 1. The ADP1649 sets the VOUT pin to 5 V
and disconnects VOUT from LED_OUT. The VOUT pin is
connected to the SW node when the ADP1649 is not enabled.
Do not connect VOUT directly to a positive external voltage
source because this causes current to flow from VOUT to the
battery.
INTERFACE/
CONTROL
LED_OUT
SDA
SCL
ADC_EN[1:0]
4-BIT ADC
IC TEMPERATURE
SENSOR
EN
GPIO2
ADC_VAL[5:2]
PTC
REG 0x08, ADC_EN = 01
START CONVERSION
(INTERNAL SIGNAL)
1ms
ADC_VAL[5:2]
AVAILABLE FOR READ
I2C DATA BUS
LED CURRENT
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
REG 0x04, OUTPUT_EN = 1
STR_LV = 0
LED_MOD = 11
I2C DATA BUS
0A
STROBE
FL_TIM
START CONVERSION
(INTERNAL SIGNAL)
ADC_VAL[5:2]
AVAILABLE FOR READ
REG 0x08, ADC_EN = 01
tS = 1ms
IFLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com