Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 19 of 28
I²C REGISTER MAP
The lowest bit number (0) represents the least significant bit, the highest bit number (7) represents the most significant bit, and R/W indicates
whether the bit is read only (R), write only (W), or both read and write (R/W).
Table 10. Design Information Register (Register 0x00)
Bit
Bit Name
R/W
Reset State
[7:0]
Manufacturer Information
R
00100010
Table 11. VREF and Timer Register (Register 0x02)
Bit
Bit Name
R/W
Description
[7:6]
IO2_CFG
R/W
GPIO2 configuration
00 = high impedance (default)
01 = indicator LED
10 = TxMASK2 operation mode
11 = analog input (to ADC)
[5:4]
IO1_CFG
R/W
GPIO1 configuration
00 = high impedance (default)
01 = torch
10 = TxMASK1 operation mode
11 = reserved
[3:0]
FL_TIM
R/W
Flash timer value setting
0000 = 100 ms
0001 = 200 ms
0010 = 300 ms
0011 = 400 ms
0100 = 500 ms
0101 = 600 ms
0110 = 700 ms
0111 = 800 ms
1000 = 900 ms
1001 = 1000 ms
1010 = 1100 ms
1011 = 1200 ms
1100 = 1300 ms
1101 = 1400 ms
1110 = 1500 ms
1111 = 1600 ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com