Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 6 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 6 Page - ams AG

Back Button AS3953B Datasheet HTML 2Page - ams AG AS3953B Datasheet HTML 3Page - ams AG AS3953B Datasheet HTML 4Page - ams AG AS3953B Datasheet HTML 5Page - ams AG AS3953B Datasheet HTML 6Page - ams AG AS3953B Datasheet HTML 7Page - ams AG AS3953B Datasheet HTML 8Page - ams AG AS3953B Datasheet HTML 9Page - ams AG AS3953B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Electrical Characteristics
All in this specification defined tolerances for external
components need to be assured over the whole operation
conditions range and also over lifetime.
Figure 6:
Operating Conditions
DC/AC Characteristics for Digital Inputs and
Outputs
Figure 7:
CMOS Inputs, Valid for Input Pins /SS, MOSI, SCLK
Symbol
Parameter
Min
Typ
Max
Units
Note
Ilim
Limiter current
30
mA
Till this current limiter
clamps VLC1-LC2 to 5.0V
VVP_SPI
SPI power supply
1.65
3.6
V
When logic powered from
RFID interface
1.8
3.6
V
When logic powered from
VP_SPI interface
TAMB
Ambient
temperature
-40
85
ºC
Symbol
Parameter
Min
Typ
Max
Units
Note
VIH
High level input
voltage
0.7 * VP_SPI
V
VIL
Low level input
voltage
0.3 * VP_
SPI
V
ILEAK
Input leakage current
1
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com