Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 1 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 1 Page - ams AG

  AS3953B Datasheet HTML 1Page - ams AG AS3953B Datasheet HTML 2Page - ams AG AS3953B Datasheet HTML 3Page - ams AG AS3953B Datasheet HTML 4Page - ams AG AS3953B Datasheet HTML 5Page - ams AG AS3953B Datasheet HTML 6Page - ams AG AS3953B Datasheet HTML 7Page - ams AG AS3953B Datasheet HTML 8Page - ams AG AS3953B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
ams Datasheet
Page 1
[v1-04] 2016-Jan-07
Document Feedback
AS3953B
14443 High Speed Passive Tag
Interface
The AS3953B NFC interface IC (NFiC) delivers low cost, ultra low
power NFC forum functionality to multiple different
applications. The AS3953B is a analog front-end with integrated
14443A data framing and SPI interface. It is designed to create
a fast data link between an ISO 14443A reader device (PCD) and
a microcontroller. The AS3953B is passively powered meaning
that it can be supplied from the PCD magnetic field, eliminating
the need of a continual external supply. This makes the AS3953B
perfect for wireless communication to a low-power battery
powered device.
The AS3953B is used with an appropriate antenna coil
connected to the terminals LC1 and LC2, and behaves as a
normal passive ISO 144443A tag (PICC). After the anti-collision
protocol is passed, the PCD sends a Wake-Up command, which
wakes up the microcontroller by sending an interrupt. From this
point onwards, the AS3953B serves as a data link between the
microcontroller and the PCD. AS3953B can also operate as
NFCIP-1 target at 106kbit/s.
The AS3953B includes an onboard EEPROM that can be
accessed either from the PCD or from the microcontroller via
the SPI interface. This built-in flexibility makes it ideal for two
types of applications:
• Where personalization data is programmed by the PCD
(even in case the SPI side is not powered) and it is later
read by microcontroller through SPI interface.
• Where log data is stored periodically by the
microcontroller and can then be read by the PCD even
when the microcontroller is not powered.
A regulated power supply voltage extracted from the PCD field
is also available on a pin and can be used as power supply for
external circuitry. For example, an external microcontroller and
a sensor could be powered from the PCD field combined with
pass through data rates up to 848kbit/s, which means the
AS3953B is ideal for contactless passive programming of MCU
systems. The AS3953B can also operate as a stand-alone ISO
14443A tag.
The AS3953B supports ISO 14443A up to Level-4, meaning a
contactless smart card or an NFC forum compatible tag (Tag
Type 4) can be built. Having a NFC Forum compatible tag
interface allows the AS3953B to be used in an application where
a standard NFC enabled phone is used as a PCD.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS3953B

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3953B AMSOSRAM-AS3953B Datasheet
1Mb / 65P
14443 High Speed Passive Tag Interface
More results

Similar Description - AS3953B

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
ams AG
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
AS3953 AMSCO-AS3953_07 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
List of Unclassifed Man...
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams AG
AS3953A AMSCO-AS3953A Datasheet
681Kb / 42P
High Speed Passive Tag Interface
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
logo
ams AG
AS3953A AMSCO-AS3953A_V01 Datasheet
863Kb / 70P
14443 High Speed Passive Tag Interface
2019-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com