Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 16 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 16 Page - ams AG

Back Button AS3953B Datasheet HTML 12Page - ams AG AS3953B Datasheet HTML 13Page - ams AG AS3953B Datasheet HTML 14Page - ams AG AS3953B Datasheet HTML 15Page - ams AG AS3953B Datasheet HTML 16Page - ams AG AS3953B Datasheet HTML 17Page - ams AG AS3953B Datasheet HTML 18Page - ams AG AS3953B Datasheet HTML 19Page - ams AG AS3953B Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
SAK
SAK is response to SELECT command. AS3953B UID has double
size, which defines SAK responses for Cascade Level 1 and
Cascade Level 2.
Cascade Level 1: According to ISO 14443-3, all bits except b3
are “don’t care” for Cascade Level 1. Figure below defines
Cascade Level 1 coding.
Figure 16:
Cascade Level1 Coding
Bit b6 in Cascade Level 1 is always set as bit b6 in Cascade Level
2. This is done in accordance to EMVCo Level – 1 Contactless
Digital Test specifications.
Cascade Level 2: According to ISO 14443-3 all bits except b6
and b3 are “don’t care” for Cascade Level 2.
If configuration bit16 [nl4] is set to logic ‘0’ (default state), the
SAK on Cascade Level 2 reports that tag is compliant to level4
(see figure below).
Figure 17:
Cascade Level 2 Coding (ISO/IEC14443-4 compliant)
If configuration bit16 [nl4] is set to logic ‘1’, the SAK on Cascade
Level 2 reports that tag is NOT compliant to Level-4 (see figure
below).
Figure 18:
Cascade Level 2 Coding (NOT ISO/IEC14443-4 compliant)
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
00
As b6 in
SAK CL2
00100
Cascade bit set: UID not
complete
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
01000
00
UID complete, tag is
compliant to
ISO/IEC14443-4
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
00000
00
UID complete, tag is NOT
compliant to
ISO/IEC14443-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com