Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 4 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 4 Page - ams AG

  AS3953B Datasheet HTML 1Page - ams AG AS3953B Datasheet HTML 2Page - ams AG AS3953B Datasheet HTML 3Page - ams AG AS3953B Datasheet HTML 4Page - ams AG AS3953B Datasheet HTML 5Page - ams AG AS3953B Datasheet HTML 6Page - ams AG AS3953B Datasheet HTML 7Page - ams AG AS3953B Datasheet HTML 8Page - ams AG AS3953B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Pin Assignment
Figure 3:
Pin Assignment (Bottom View)
Figure 4:
Pin Description
Pin Number
Pin Name
Pin Type
Description
Sorted Die
0
TEST
Internal use
No connection
1
VP_SPI
Supply pad
Positive supply of SPI interface
2
VP_REG
Analog output
Regulator output
3LC1
Analog I/O
Connection to tag coil
4LC2
5
VSS
Supply pad
Ground, die substrate potential
6/SS
Digital input
Serial Peripheral Interface enable (active low)
7
SCLK
Serial Peripheral Interface clock
8
MOSI
Serial Peripheral Interface data input
9MISO
Digital output /
tristate
Serial Peripheral Interface data output
10
IRQ
Digital output
Interrupt request output (active high)
-
Exposed Pad
Supply
Exposed pad to be connected to ground (optional)
Pin Assignment
10
9
8
7
6
12
34
5
0
AS3953B
IRQ
LC2
MOSI
SCLK
/SS
VP_SPI
VP_REG
LC1
MISO
VSS
A3
B3
A2
B2
A1
B1
C1
B4
C4
A4
AS3953B
WL-CSP
(Top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com