Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 35 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 35 Page - ams AG

Back Button AS3953B Datasheet HTML 31Page - ams AG AS3953B Datasheet HTML 32Page - ams AG AS3953B Datasheet HTML 33Page - ams AG AS3953B Datasheet HTML 34Page - ams AG AS3953B Datasheet HTML 35Page - ams AG AS3953B Datasheet HTML 36Page - ams AG AS3953B Datasheet HTML 37Page - ams AG AS3953B Datasheet HTML 38Page - ams AG AS3953B Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
ams Datasheet
Page 35
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
EEPROM Read
In order to read data from EEPROM first a mode byte is sent,
followed by the word address byte (MSB first). Then one or more
words of data with address auto incrementing (packets of 4
bytes) are transferred to MISO output, always from the MSB to
the LSB. MOSI is sampled at the falling edge of SCLK; data to be
read from the AS3953B EEPROM is driven to MISO pin on rising
edge of SCLK and is sampled by the master at the falling edge
of SCLK. In case the word on defined address does not exist all
‘0’ data is sent to MISO.
Please note that SCLK frequency should not exceed 1MHz
during EEPROM Read (limited by EEPROM read access time).
Figure 45:
Reading of EEPROM Page
01 1 1 1 1 1 1
W
A
4
W
A
3
W
A
2
W
A
1
W
A
0
x
W
A
6
W
A
5
X
MSB Byte from
Address
<WA6-WA0>
/SS
SCLK
MOSI
X
B
2
9
B
2
8
B
2
7
B
2
6
B
2
5
B
2
4
B
3
1
B
3
0
B
2
3
B
2
2
B
5
B
4
B
3
B
2
B
1
B
0
B
7
B
6
B
9
B
8
XX
LSB Byte from
Address
<WA6-WA0>
X
MISO
1µs min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com