Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 47 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 47 Page - ams AG

Back Button AS3953B Datasheet HTML 43Page - ams AG AS3953B Datasheet HTML 44Page - ams AG AS3953B Datasheet HTML 45Page - ams AG AS3953B Datasheet HTML 46Page - ams AG AS3953B Datasheet HTML 47Page - ams AG AS3953B Datasheet HTML 48Page - ams AG AS3953B Datasheet HTML 49Page - ams AG AS3953B Datasheet HTML 50Page - ams AG AS3953B Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ams Datasheet
Page 47
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Figure 55:
Bit Rate Definition Register
Note(s):
1. Default setting is set at power-up and after Set Default command. In ISO 14443A Level-4 Protocol mode, this value is rewritten after
receiving PPS command.
Figure below defines the coding of the Bit Rate.
Figure 56:
Bit Rate Coding
Note(s):
1. In case a bit rate which is not supported is selected, the Tx / Rx operation is disabled.
Address# 02h : Bit Rate Definition
Type: RW
Bit
Name
Default
Function
Comments
7tx_rate3
0
Bit rate for Tx
For coding see Figure 56
6tx_rate2
0
5tx_rate1
0
4tx_rate0
0
3rx_rate3
0
Bit rate for Rx
For coding see Figure 56
2rx_rate2
0
1rx_rate1
0
0rx_rate0
0
Rate3
Rate2
Rate1
Rate0
Bit Rate [kbit/s]
Comments
0
0
0
0
fc/128 (~106)
0
0
0
1
fc/64 (~212)
0
0
1
0
fc/32 (~424)
0
0
1
1
fc/16 (~848)
Other combinations RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com