Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 46 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 46 Page - ams AG

Back Button AS3953B Datasheet HTML 42Page - ams AG AS3953B Datasheet HTML 43Page - ams AG AS3953B Datasheet HTML 44Page - ams AG AS3953B Datasheet HTML 45Page - ams AG AS3953B Datasheet HTML 46Page - ams AG AS3953B Datasheet HTML 47Page - ams AG AS3953B Datasheet HTML 48Page - ams AG AS3953B Datasheet HTML 49Page - ams AG AS3953B Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Mode Definition Registers
Figure 54:
Mode Definition Register
Note(s):
1. Default value is loaded from EEPROM configuration word bits b12 to b7 during power-up initialization.
Address# 01h : Mode Definition
Type: RW
Bit
Name
Default
Function
Comments
7RFU
6RFU
5
r_mod_1
See note (1)
00: ISO 14443A Level-4
Protocol mode
01: ISO 14443A Level-3
Protocol mode
10: Framing mode
11: Transparent mode
ISO mode in case of register
control;
If ISO 14443A Protocol mode is
selected through registers,
logic is forced in Level-4
mode.
4
r_mod_2
See note (1)
3
r_rxncrc
See note (1)
1: Rx – CRC is not checked,
CRC part of message is
also put in FIFO
Applicable in ISO 14443A
Level-3 Protocol mode and
Framing mode. In Protocol
mode, applicable for frames
which are put in FIFO.
2
r_rxbs
See note (1)
1: Rx – Bit stream mode,
received bits are put in
FIFO (no parity and CRC
check)
1
r_txncrc
See note (1)
1: Tx – Do not generate
CRC
0
r_txbs
See note (1)
1: Tx – Bit stream mode,
bits put in FIFO are sent
without parity and CRC
generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com