Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 22 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 22 Page - ams AG

Back Button AS3953B Datasheet HTML 18Page - ams AG AS3953B Datasheet HTML 19Page - ams AG AS3953B Datasheet HTML 20Page - ams AG AS3953B Datasheet HTML 21Page - ams AG AS3953B Datasheet HTML 22Page - ams AG AS3953B Datasheet HTML 23Page - ams AG AS3953B Datasheet HTML 24Page - ams AG AS3953B Datasheet HTML 25Page - ams AG AS3953B Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
Figure below defines the coding of the AS3953B reply
information field to Read EEPROM command, if command is
normally processed.
Figure 29:
Read EEPROM Reply (successful)
Figure below defines the coding of the AS3953B reply
information field to Read EEPROM command, in case of an
error.
Figure 30:
Read EEPROM Reply (error code)
Write EEPROM
The Write EEPROM command is used to write one EEPROM
word (32 bits). The request information field contains 6 bytes:
• Command code byte (04h)
• Address of the word to be written
• Four bytes (32 bits) of data to be written
Figure below defines coding of Write EEPROM command
information field.
Figure 31:
Write EEPROM Command
The AS3953B reply contains one byte informing whether the
writing of EEPROM was executed or whether there was an error.
Prior to actual programming of data in EEPROM, the control
logic checks whether there is enough power available. This is
done by performing so called power check during which a
dummy EEPROM programming is started. If the power check
fails, EEPROM programming is not performed and an error code
is sent. The EEPROM programming is a time consuming
operation.
90h
Data
1byte
4 to 32 bytes
Information Field
Comment
61h
Error (no diagnostic)
04h
Address of Word to Be Written
Data
1 byte
1 byte
4 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com