Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 27 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 27 Page - ams AG

Back Button AS3953B Datasheet HTML 23Page - ams AG AS3953B Datasheet HTML 24Page - ams AG AS3953B Datasheet HTML 25Page - ams AG AS3953B Datasheet HTML 26Page - ams AG AS3953B Datasheet HTML 27Page - ams AG AS3953B Datasheet HTML 28Page - ams AG AS3953B Datasheet HTML 29Page - ams AG AS3953B Datasheet HTML 30Page - ams AG AS3953B Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
ams Datasheet
Page 27
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Detailed Description
Figure 35:
Configuration Word (Bits 31 to 16)
Note(s):
1. Configuration bits b31 to b15 define AS3953B response to SAK and ATS command in ISO 14443A Protocol modes, while bits b14 to
b0 actually change performance.
2. Incase both nl4 and nfc are set, the nl4 setting prevails.
Configuration Bit
Name
Default
Function
b31
fsci<3>
0
FSCI. Default value (2h) codes maximum size of
frame accepted by PICC to 32 bytes which is the
size of the FIFO. Please note that the AS3953B can
support larger frame sizes in case FIFO is read
during the receiving.
b30
fsci<2>
0
b29
fsci<1>
1
b28
fsci<0>
0
b27
fwi<3>
0
FWI (default value (6h) defines frame waiting time
of ~19.3ms)
b26
fwi<2>
1
b25
fwi<1>
1
b24
fwi<0>
0
b23
dr_sdr
0
1: Only the same bit rate for both directions
supported (TA(1) of ATS)
b22
dr_picc_8
0
1: DR=8 PICC-to-PCD supported (848kbit/s)
(TA(1) of ATS)
b21
dr_picc_4
0
1: DR=4 PICC-to-PCD supported (424kbit/s)
(TA(1) of ATS)
b20
dr_picc_2
0
1: DR=2 PICC-to-PCD supported (212kbit/s)
(TA(1) of ATS)
b19
dr_pcd_8
0
1: DR=8 PCD-to-PICC supported (848kbit/s)
(TA(1) of ATS)
b18
dr_pcd_4
0
1: DR=4 PCD-to-PICC supported (424kbit/s)
(TA(1) of ATS)
b17
dr_pcd_2
0
1: DR=2 PCD-to-PICC supported (212kbit/s)
(TA(1) of ATS)
b16
nl4
0
1: SAK on Cascade Level 2 reports that tag is not
ISO 14443-4 compatible
b15
nfc
0
1: SAK on Cascade Level 2 reports that tag is NFC
passive target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com