Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 26 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 26 Page - ams AG

Back Button AS3953B Datasheet HTML 22Page - ams AG AS3953B Datasheet HTML 23Page - ams AG AS3953B Datasheet HTML 24Page - ams AG AS3953B Datasheet HTML 25Page - ams AG AS3953B Datasheet HTML 26Page - ams AG AS3953B Datasheet HTML 27Page - ams AG AS3953B Datasheet HTML 28Page - ams AG AS3953B Datasheet HTML 29Page - ams AG AS3953B Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
EEPROM
The AS3953B contains an EEPROM block which can be accessed
from both RFID and SPI interface. EEPROM contains 1024 bits
(128 bytes) organized in 32 words of 32 bits. Words in EEPROM
are number from 0 to 31(1F[hex]). Bits in a word are numbered
from 0 to 31.
Most of the EEPROM is used to store user data (27 words – 864
bits), five words are used to store some housekeeping
information (part of the AS3953B UID, configuration bits which
define the AS3953B operating options, lock bits, which control
the possibility to write EEPROM words).
Figure 34:
EEPROM Organization
Access Properties:
RO: Read only, writing to this word is not possible
RW: Reading and writing to this word is possible, writing is
disabled once the lock bit is set
OTP: One time programmable. A bit of this word once set to ‘1’
cannot be set back to ‘0’.
UID Word
The UID word contains four LSB bytes of 7 byte UID which is
used during anti-collision and selection process. Every IC is
programmed by a unique number during fabrication process at
ams. For details on UID, please refer to Coding of UID .
Fabrication Data Word
This word stores some IC manufacturer data which is
programmed and locked during fabrication process at ams.
Configuration Word
The Configuration word is used to define the AS3953B
operating options. It is delivered by ams with default setting.
Word Address [hex]
Content
Access Properties
0UID
RO
1
Fabrication Data
RO
2
Configuration Word
RW
3Write Lock Word
OTP
4
Read Lock Word
OTP
5: 1F
User Data
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com