Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 48 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 48 Page - ams AG

Back Button AS3953B Datasheet HTML 44Page - ams AG AS3953B Datasheet HTML 45Page - ams AG AS3953B Datasheet HTML 46Page - ams AG AS3953B Datasheet HTML 47Page - ams AG AS3953B Datasheet HTML 48Page - ams AG AS3953B Datasheet HTML 49Page - ams AG AS3953B Datasheet HTML 50Page - ams AG AS3953B Datasheet HTML 51Page - ams AG AS3953B Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Display Registers
Figure 57:
RFID Status Display Register
Note(s):
1. The information read from this register can be false during reception (the logic state change during reception and the readout of
status can be done just at the moment when the status is changing).
2. The RFID Status Display Register is not a real register. By reading this register, controller has access to specific RFID logic internal
signals in order to observe its internal state.
Address# 04h : RFID Status Display
Type: R
Bit
Name
Function
Comments
7hf_pon
1: PICC AFE is active
AFE Power-on signal
6state<2>
000: POWER OFF
001: IDLE
010: READY 011 – ACTIVE
101: HALT
110: READYX
111: ACTIVEX
100: L4
PICC Logic state
5state<1>
4state<0>
3
RFU
2RFU
1RFU
0RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com