Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 42 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 42 Page - ams AG

Back Button AS3953B Datasheet HTML 38Page - ams AG AS3953B Datasheet HTML 39Page - ams AG AS3953B Datasheet HTML 40Page - ams AG AS3953B Datasheet HTML 41Page - ams AG AS3953B Datasheet HTML 42Page - ams AG AS3953B Datasheet HTML 43Page - ams AG AS3953B Datasheet HTML 44Page - ams AG AS3953B Datasheet HTML 45Page - ams AG AS3953B Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
ISO 14443A Frame Data in FIFO
Data in ISO 14443A frames is organized in bytes; each byte is
terminated by parity bit. Data bits in a byte are numbered from
b1 to b8 where b1 is LSB bit, LSB is sent first.
Data sent over SPI is also organized in bytes, bits in a byte are
marked D0 to D7, where D0 is LSB bit, MSB is sent first.
During receive the framing engine checks the parity bit and
removes it from data frame, only the data bytes are put in FIFO.
During transmission the process is inversed, only the data bytes
are put in FIFO, while the framing engine adds the parity bits.
The ISO 14443A data bits b1 to b8 are mapped to FIFO data bits
D0 to D7, which means that the order of receiving/transmitting
bits in a byte is inversed (the ISO 14443A bytes are sent LSB first
while the SPI bytes are sent MSB first).
The only exceptions to this rule are the Rx and Tx bit stream
modes. In these modes the meaning of byte is lost. In order to
simplify processing the order of bits is the same on ISO 14443A
and FIFO side.
This means that during reception with bit rxbs set the first
received bit is also the first bit read out of FIFO. In case the last
FIFO byte is not complete the bits which are not part of received
data are padded with ‘0’.
The same stands for transmission with bit txbs set: the first bit
written in FIFO is also the first bit sent.
Direct Commands
Figure 51:
List of Direct Commands
Set Default
This direct command puts the AS3953B in the same state as
power-up initialization. All registers are initialized to the default
state.
Clear
This direct command stops all current activities (transmission
or reception) and clears FIFO.
Command Byte Value
[hex]
Command
Comments
C2, C3
Set Default
Puts the AS3953B in default state
C4, C5
Clear
Stops all activities and clears FIFO
C8
Transmit
Starts a transmit sequence
D0
Go2halt
Puts PICC logic in HALT state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com