Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 38 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 38 Page - ams AG

Back Button AS3953B Datasheet HTML 34Page - ams AG AS3953B Datasheet HTML 35Page - ams AG AS3953B Datasheet HTML 36Page - ams AG AS3953B Datasheet HTML 37Page - ams AG AS3953B Datasheet HTML 38Page - ams AG AS3953B Datasheet HTML 39Page - ams AG AS3953B Datasheet HTML 40Page - ams AG AS3953B Datasheet HTML 41Page - ams AG AS3953B Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
SPI Timing
Figure 48:
Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
Note
General Timing (VDD = VDD_IO = VDD_D = 3.3V, Temperature 25°C)
TSCLK
SCLK period
200
ns
TSCLK=TSCLKL+TSCLKH, during
EEPROM read the SCLK period
has to be increased to 1μs (this
limitation is imposed by
EEPROM read access time)
TSCLKL
SCLK low
80
ns
TSCLKH
SCLK high
80
ns
TSSH
SPI reset (/SS high)
50
ns
TNCSL
/SS falling to SCLK
rising
25
ns
first SCLK pulse
TNCSH
SCLK falling to /SS
rising
80
ns
last SCLK pulse
TDIS
Data in setup time
10
ns
TDIH
Data in hold time
10
ns
Read Timing (VDD = VDD_IO = VDD_D = 3.3V, Temperature 25°C, CLOAD ≤ 50pF)
TDOD
Data out delay
20
ns
TDOHZ
Data out to high
impedance delay
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com