Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB1602 Datasheet HTML 1Page - STMicroelectronics STUSB1602 Datasheet HTML 2Page - STMicroelectronics STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
2.3
Pin description
2.3.1
CC1 / CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment detection, plug orientation
determination and system configuration management across USB Type-C cable.
2.3.2
CC1DB/CC2DB
CC1DB and CC2DB are used for dead battery mode when the STUSB1602 is configured in sink power role or
dual power role. This mode is enabled by connecting CC1DB and CC2DB respectively to CC1 and CC2. Thanks
to this connection, the pull down terminations on the CC pins are present by default even if the device is not
supplied (see Section 3.6 Dead battery).
Note:
CC1DB and CC2DB must be connected to ground when the STUSB1602 is configured in source power role or
when dead battery mode is not supported.
2.3.3
VCONN
This power input is connected to a power source that can be a 5 V power supply. It is used to provide power to
the local plug. It is internally connected to power switches that are protected against short-circuit and overvoltage.
This does not require any protection on the input side. When a valid source-to-sink connection is determined
and the VCONN power switches are enabled, VCONN is provided by the source to the unused CC pin (see
Section 3.4 VCONN supply). If not used, VCONN can be left floating.
2.3.4
RESET
Active high reset.
2.3.5
I²C interface pins
Table 3. I²C interface pins list
Name
Description
SCL
I²C clock – need external pull-up
SDA
I²C data – need external pull-up
ALERT#
I²C interrupt – need external pull-up
ADDR0
I²C device address bit (see Section 5 I²C interface)
2.3.6
GND
Ground.
2.3.7
MOSI
Master out slave in: data from the connected CC line are decoded using the BMC and then transmitted via the
STUSB1602 to the MCU. Data are valid on the falling edge of the SCLK line and must be sampled by the MCU on
this edge.
2.3.8
NSS
The chip select signal is driven by the STUSB1602 and is connected to the MCU. It activates the SPI/MSP
interface transfer. The NSS signal drives the MCU so that:
When TX_EN is asserted (TX mode), the STUSB1602 transmits data from the MCU over the CC line. Note,
the MCU must provide data to be encoded on the MISO line which must be in synchrony with the SCLK
When TX_EN is not asserted (RX mode, default), the CC line is activity detected, data are received, and the
BMC is decoded by the STUSB1602. Decoded data are sent on the MOSI line in synchrony with the SCLK
STUSB1602
Pin description
DS11254 - Rev 5
page 5/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com