Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Table 6. Conditions for VBUS power path assertion in sink power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached
state
VDD pin
monitoring
VBUS_SENSE pin
monitoring
VBUS_EN_SNK
0
Attached.SNK
or
Debug
Accessory.SNK
Not applicable
VBUS is within valid
voltage range if
VBUS
_VALID_RANGE
enabled
or
VBUS > UVLO if
VBUS
_VALID_RANGE
disabled
The signal is asserted
only if all the valid
operation conditions
are met
Hiz
Any other state
Not applicable
VBUS is out of valid
voltage range if
VBUS
_VALID_RANGE
enabled
or
VBUS < UVLO
if
VBUS
_VALID_RANGE
disabled
The signal is de-
asserted when at
least one non valid
operation condition is
met
“Type-C attached state” refers to the Type-C FSM states as defined in the USB Type-C standard specification and
as described in the I²C register CC_OPERATION_STATUS.
“VDD pin monitoring” is valid only in source power role. Activation of the UVLO and OVLO threshold detections
can be done through NVM programming (see Section 6 Start-up configuration) and also by software through
the I²C interface. When UVLO and/or OVLO threshold detection is activated, VBUS_EN_SRC pin is asserted only
if the device is attached and the valid threshold conditions on VDD are met. Once the VBUS_EN_SRC pin is
asserted, the VBUS monitoring is done on VBUS_SENSE pin instead of the VDD pin.
“VBUS_SENSE pin monitoring” relies, by default, on a valid VBUS voltage range. The voltage range condition can
be disabled to consider UVLO threshold detection instead. The monitoring condition of the VBUS voltage can be
changed through NVM programming (see Section 6 Start-up configuration) and also by software through the
I²C interface. VBUS_EN_SRC pin is maintained asserted as long as the device is attached and a valid voltage
condition on the VBUS is met.
3.4
VCONN supply
3.4.1
VCONN input voltage
VCONN is a regulated supply used to power circuits in the plug of USB3.1 full-featured cables and other
accessories. VCONN nominal operating voltage is 5.0 V +/- 5%.
3.4.2
VCONN application conditions
VCONN pin of the STUSB1602 is connected to each CC pin (CC1 and CC2) across independent power switches.
The STUSB1602 applies VCONN only to the CC pin not connected to the CC wire when all below conditions are
met:
STUSB1602
VCONN supply
DS11254 - Rev 5
page 11/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com