Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
It allows detection of unexpected VBUS voltage conditions such as undervoltage or overvoltage relative to the valid
VBUS voltage range. When such conditions occur, the STUSB1602 reacts as follows:
At attachment, it prevents the source-to-sink connection and the VBUS power path assertion
After attachment, it deactivates the source-to-sink connection and disables the VBUS power path. In source
power role, the device goes into error recovery state. In sink power role, the device goes into unattached
state.
The VBUS voltage value is adjusted automatically at attachment (vSafe5V) and via MCU at each PDO transition.
Monitoring is then disabled during T_PDO_transition (i.e. the default value of 300 ms is changed through NVM
programming). Additionally, if a transition occurs to a lower voltage, the discharge path is activated during this
time.
The valid VBUS voltage range is defined from the VBUS nominal voltage by a high threshold voltage and a low
threshold voltage whose nominal values are respectively VBUS +5% and VBUS -5%. The nominal threshold limits
can be shifted by a fraction of VBUS from +1% to +15% for the high threshold voltage and from -1% to -15% for
the low threshold voltage. This means the threshold limits can vary from VBUS +5% to VBUS +20% for the high
limit and from VBUS-5% to VBUS -20% for the low limit.
The threshold limits are preset by default in NVM (see Section 8.3 Electrical and timing characteristics). The
threshold limits can be changed independently through NVM programming (see Section 6 Start-up configuration)
and also by software during attachment through the I²C interface.
3.3.2
VBUS discharge
The monitoring block also handles the internal VBUS discharge path connected to the VBUS_SENSE pin. The
discharge path is activated at detachment, or when the device goes into the error recovery state whatever the
power role (see Section 3.7 Hardware fault management).
The VBUS discharge path is enabled by default in NVM and can be disabled through NVM programming only
(see Section 6 Start-up configuration). The discharge time duration is also preset by default in NVM (see
Section 8.3 Electrical and timing characteristics). The discharge time duration can be changed through NVM
programming (see Section 6 Start-up configuration) and also by software through the I²C interface.
3.3.3
VBUS power path assertion
The STUSB1602 can control the assertion of the VBUS power path on the USB Type-C port, directly or indirectly,
through the VBUS_EN_SRC pin and VBUS_EN_SNK pins according to the system power role.
The tables below summarize the configurations and the operation conditions that determine the electrical value of
the VBUS_EN_SRC and VBUS_EN_SNK pins during system operations.
Table 5. Conditions for VBUS power path assertion in source power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached state
VDD pin monitoring
VBUS_SENSE pin monitoring
VBUS_EN_SRC
0
Attached.SRC or
UnorientedDebug
Accessory.SRC
or OrientedDebug
Accessory.SRC
VDD > UVLO if
VDD_UVLO enabled
and/or
VDD < OVLO if
VDD_OVLO enabled
VBUS is within valid voltage range if
VBUS_VALID_RANGE
enabled or
VBUS > UVLO if
VBUS _VALID_RANGE disabled
The signal is
asserted only if all
the valid operation
conditions are met
HiZ
Any other state
VDD < UVLO if
VDD_UVLO enabled
and/or
VDD > OVLO if
VDD_OVLO enabled
VBUS is out of valid voltage range if
VBUS_VALID_RANGE
enabled or
VBUS < UVLO if
VBUS _VALID_RANGE disabled
The signal is de-
asserted when at
least one non valid
operation condition is
met
As specified in the USB Type-C standard specification, the attached state “Attached.SRC” is reached only if the
voltage on the VBUS receptacle side is at vSafe0V condition when a connection is detected.
STUSB1602
VBUS power path control
DS11254 - Rev 5
page 10/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com