Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Fault types
Fault conditions
Expected actions
Reverse voltage
CC output pin voltage exceeds
VCONN input voltage of more than
0.35 V for 5 V when the power switch
is turned on
Power switch is opened immediately until the voltage difference falls
below the voltage limit. I²C alert is asserted immediately thanks to
VCONN_SW_RVP_FAULT bits
3.5
High voltage protection
The STUSB1602 can be safely used in systems or connected to systems that handle high voltage on the VBUS
power path. The device integrates an internal circuitry on the CC pins that tolerates high voltages and ensures
protection up to 22 V in case of unexpected short-circuits with the VBUS or in the case of a connection to a device
supplying high voltage on the VBUS.
3.6
Dead battery
Dead battery mode allows systems powered by a battery to be supplied by the VBUS when the battery is
discharged and to start the battery charging process. This mode is also used in systems that are powered through
the VBUS only.
Dead battery mode is only supported in sink power role and dual power role configurations. It operates only if the
CC1DB and CC2DB pins are connected respectively to the CC1 and CC2 pins. Thanks to these connections, the
STUSB1602 presents a pull down termination on its CC pins and advertises itself as a sink even if the device is
not supplied.
When a source system connects to a USB Type-C port with the STUSB1602 configured in dead battery mode,
it can detect the pull down termination, establish the source-to-sink connection, and provide the VBUS. The
STUSB1602 is then supplied thanks to the VDD pin connected to the VBUS on the USB Type-C receptacle side.
The STUSB1602 can finalize the source-to-sink connection and enable the power path on the VBUS thanks to the
VBUS_EN_SNK pin which allows the system to be powered.
3.7
Hardware fault management
The STUSB1602 handles hardware fault conditions related to the device itself and to the VBUS power path during
system operation.
When such conditions occur, the circuit goes into a transient error recovery state named ErrorRecovery in the
Type-C FSM. In this state, the device de-asserts the VBUS power path by disabling the VBUS_EN_SRC pin and
it removes the terminations from the CC pins during several tens of milliseconds. Then, it goes to the unattached
source state.
The STUSB1602 goes into error recovery state when at least one condition listed below is met:
If an overtemperature is detected, the “THERMAL_FAULT” flag is asserted
If an internal pull-up voltage on the CC pins is below the UVLO threshold, the “VPU_VALID” flag is asserted
If an overvoltage is detected on the CC pins, the “VPU_OVP_FAULT” flag is asserted
If the VBUS voltage is out of the valid voltage range during attachment, the “VBUS_VALID” flag is asserted
If an undervoltage is detected on the VDD pin during attachment when UVLO detection is enabled, the
“VDD_UVLO_DISABLE” flag is asserted
If an overvoltage is detected on the VDD pin during attachment when OVLO detection is enabled, the
“VDD_OVLO_DISABLE” flag is asserted
The I²C register bits mentioned above give either the state of the hardware fault when it occurs or the setting
condition to detect the hardware fault.
STUSB1602
High voltage protection
DS11254 - Rev 5
page 14/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com