Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics STUSB1602 Datasheet HTML 21Page - STMicroelectronics STUSB1602 Datasheet HTML 22Page - STMicroelectronics STUSB1602 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Figure 6. Write operation
Address
n+1
Start bit = SDA falling when SCL = 1
Stop bit = SDA rising when SCL = 1
Restart bit = start after a start
Address
n+2
Start
Device addr
7 bits
W A Reg address
8 bits
A Reg data
8 bits
A
Reg data
8 bits
A
Reg data
8 bits
A
Stop
5.2
Timing specifications
The device uses a standard slave I²C channel at speed up to 400 kHz.
Table 13. I²C timing parameters - VDD = 5 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fscl
SCL clock frequency
0
-
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
-
-
μs
tlow
LOW period of the SCL clock
1.3
-
-
thigh
HIGH period of the SCL clock
0.6
-
-
tsu,dat
Set-up time for repeated START condition
0.6
-
-
thd,dat
Data hold time
0.04
-
0.9
tsu,dat
Data setup time
100
-
-
tr
Rise time of both SDA and SCL signals
20 + 0.1 Cb
-
300
ns
tf
Fall time of both SDA and SCL signals
20 + 0.1 Cb
-
300
tsu,sto
Set-up time for STOP condition
0.6
-
-
μs
tbuf
Bus free time between a STOP and START condition
1.3
-
-
Cb
Capacitive load for each bus line
-
-
400
pF
Figure 7. I²C timing diagram
SDA
Vil
thd,sta
tf
SCL
tlow
tr
thd,dat
tsu,dat thigh
tsu,sta
Vih
STUSB1602
Timing specifications
DS11254 - Rev 5
page 19/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com