Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
3.8
Accessory mode detection
The STUSB1602 supports the detection of audio accessory mode and debug accessory mode as defined
in the USB Type-C standard specification with the following Type-C power modes (see Section 6 Start-up
configuration):
Source power role with accessory support
Sink power role with accessory support
Sink power role without accessory support
Dual power role with accessory support
3.8.1
Audio accessory mode detection
The STUSB1602 detects an audio accessory device when both CC1 and CC2 pins are pulled down to
ground by an Ra resistor from the connected device. The audio accessory detection is advertised through the
CC_ATTACHED_MODE bits of the I²C register CC_CONNECTION_STATUS.
3.8.2
Debug accessory mode detection
The STUSB1602 detects a connection to a debug and test system (DTS) when it operates either in sink power
role or in source power role. The debug accessory detection is advertised by the DEBUG1 and DEBUG2 pins as
well as through the CC_ATTACHED_MODE bits of the I²C register CC_CONNECTION_STATUS.
In sink power role, a debug accessory device is detected when both the CC1 and CC2 pins are pulled up by
an Rp resistor from the connected device. The voltage levels on the CC1 and CC2 pins give the orientation
and current capability as described in the table below. The DEBUG1 pin is asserted to advertise the DTS
detection and the A_B_SIDE pin indicates the orientation of the connection. The current capability of the
DTS is given through the SINK_POWER_STATE bits of the I²C register CC_OPERATION_STATUS.
Table 8. Orientation and current capability detection in sink power role
#
CC1 pin
(CC2 pin)
CC2 pin (CC1 pin)
Charging
current
configuration
A_B_SIDE pin
CC1/CC2
(CC2/CC1)
Current capability state
SINK_POWER_STATE
bit values
1
Rp 3 A
Rp 1.5 A
Default
HiZ (0)
PowerDefault.SNK (source
supplies default USB
current)
2
Rp 1.5 A
Rp default
1.5 A
HiZ (0)
Power1.5.SNK (source supplies 1.5 A USB Type-C current)
3
Rp 3 A
Rp default
3.0 A
HiZ (0)
Power3.0.SNK (source
supplies 3.0 A USB Type-C
current)
4 Rpdef/1.5 A/ 3 A
Rpdef/1.5 A/ 3 A
Default
HiZ (HiZ)
PowerDefault.SNK (source
supplies default USB
current)
In source power role, a debug accessory device is detected when both the CC1 and
CC2 pins are pulled down to ground by an Rd resistor from the connected device. The orientation detection
is performed in two steps as described in the table below. The DEBUG2 pin is asserted to advertise the
DTS detection and the A_B_SIDE pin indicates the orientation of the connection. The orientation detection is
advertised through the TYPEC_FSM_STATE bits of the I²C register CC_OPERATION_STATUS.
STUSB1602
Accessory mode detection
DS11254 - Rev 5
page 15/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com