Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
The device is configured in source power role
VCONN power switches are enabled
A valid connection to a sink is achieved
Ra presence is detected on the unwired CC pin
A valid power source is applied to the VCONN pin with respect to a predefined UVLO threshold
The STUSB1602 does not provide VCONN when it is in sink power role.
3.4.3
VCONN monitoring
The VCONN monitoring block detects if VCONN power supply is available on the VCONN pin. It is used to check that
VCONN voltage is above a pre-defined undervoltage lockout (UVLO) threshold to allow the enabling of the VCONN
power switches.
The default value of the UVLO threshold is 4.65 V typical for powered cables operating at 5 V. This value can be
changed by software to 2.65 V typical to support VCONN-powered accessories that operate down to 2.7 V.
3.4.4
VCONN discharge
The behavior of Type-C FSMs is extended to an internal VCONN discharge path capability on the CC pins
in source power mode only. The discharge path is activated during 250 ms from sink detachment detection.
This feature is disabled by default. It can be activated through NVM programming (see Section 6 Start-up
configuration) and also by software through the I²C interface.
3.4.5
VCONN control and status
The supplying conditions of VCONN across the STUSB1602 are managed through the I²C interface. Different I²C
registers and bits are used specifically for this purpose.
3.4.6
VCONN power switches
Features
The STUSB1602 integrates two current limited high-side power switches with protection that tolerates high
voltage up to 22 V on the CC pins.
Each VCONN power switch presents the following features:
Soft-start to limit inrush current
Constant current mode overcurrent protection
Adjustable current limit
Thermal protection
Undervoltage and overvoltage protections
Reverse current and reverse voltage protections
STUSB1602
VCONN supply
DS11254 - Rev 5
page 12/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com