Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 2Page - STMicroelectronics STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
2.3.9
MISO
Master in slave out: data from the MCU are encoded using the BMC and then transmitted via the STUSB1602 to
the connected CC line driver. Data are sampled by the STUSB1602 on the rising edge of the SCLK line and must
be stable on this edge.
2.3.10
TX_EN
TX_EN is a control signal from the MCU to the STUSB1602. It enables the BMC control logic that transfers data
from the MCU serial interface, encodes it in BMC format, and drives the connected CC line.
Note:
TX mode overrides RX mode.
2.3.11
SCLK
The serial clock signal from the STUSB1602 drives the SPI/MSP interface of the MCU and the clock data on the
MISO and MOSI pins.
2.3.12
A_B_SIDE
This output pin provides cable orientation. It is used to establish USB SuperSpeed signal routing. The cable
orientation is also provided by an internal I²C register. This signal is not required if no data support or USB 2.0
supports only.
Table 4. USB data MUX select
Value
CC pin position
HiZ
CC1 pin is attached to CC line
0
CC2 pin is attached to CC line
2.3.13
VBUS_SENSE
This input pin is used to sense VBUS presence, monitor VBUS voltage and discharge VBUS on USB Type-C
receptacle side.
2.3.14
VBUS_EN_SNK
In sink power role, this pin allows the incoming VBUS power to be enabled when the connection to a source is
established and VBUS is in a valid operating range. The open drain output allows a PMOS transistor to be directly
driven. The logic value of the pin is also advertised in a dedicated I²C register bit.
2.3.15
VBUS_EN_SRC
In source power role, this pin allows the outgoing VBUS power to be enabled when the connection to a sink is
established and VBUS is in a valid operating range. The open drain output allows a PMOS transistor to be directly
driven. The logic value of the pin is also advertised in a dedicated I²C register bit.
2.3.16
VREG_1V2
This pin is used only for external decoupling of 1.2 V internal regulator. The recommended decoupling capacitor
is: 1 µF typ. (0.5 µF min.; 10 µF max.).
2.3.17
VSYS
This is the low power supply of the system, if there is any. It can be connected directly to a system power supply
delivering 3.3 V or 5 V. It is recommended to connect this pin to ground when it is not used.
2.3.18
VREG_2V7
This pin is used for external decoupling of the 2.7 V internal regulator. The recommended decoupling capacitor is:
1 µF typ. (0.5 µF min., 10 µF max.).
STUSB1602
Pin description
DS11254 - Rev 5
page 6/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com