Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics STUSB1602 Datasheet HTML 21Page - STMicroelectronics STUSB1602 Datasheet HTML 22Page - STMicroelectronics STUSB1602 Datasheet HTML 23Page - STMicroelectronics STUSB1602 Datasheet HTML 24Page - STMicroelectronics STUSB1602 Datasheet HTML 25Page - STMicroelectronics STUSB1602 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7
Application
The sections below are not part of the ST product specifications. They are intended to give a generic application
overview to be used by the customer as a starting point for further implementation and customization. ST does
not warrant compliancy with customer specifications. Full system implementation and validation are under the
customer’s responsibility.
7.1
General description
7.1.1
Power supplies
The STUSB1602 can be supplied in three different ways depending on the targeted application:
Through the VDD pin only for applications powered by VBUS that operate either in source power role
Through the VSYS pin only for AC powered applications with a system power supply delivering 3.3 V or 5 V
Through the VDD and VSYS pins for applications powered by VBUS with a system power supply delivering
3.3 V or 5 V. When both VDD and VSYS power supplies are present, the low power supply VSYS is selected
when VSYS voltage is above 3.1 V. Otherwise VDD is selected
7.1.2
Connection to MCU or application processor
The I²C interface is used to provide extensive functionality during system operation. For instance:
1.
Define the port configuration during system boot (in case NVM parameters are not customized during
manufacturing)
2.
Change the default configuration at any time during operation
3.
Adjust the port power capability in source power role according to contextual power availability and/or the
power partitioning with other ports
4.
Save system power by shutting down the DC-DC converter according to the attachment detection state
5.
Provide a diagnostic of the Type-C connection and the VBUS power path in real time
STUSB1602
Application
DS11254 - Rev 5
page 22/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com