Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 3 Page - STMicroelectronics

  STUSB1602 Datasheet HTML 1Page - STMicroelectronics STUSB1602 Datasheet HTML 2Page - STMicroelectronics STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
2
Inputs / outputs
2.1
Pinout
Figure 2. STUSB1602 pin connections
24
23
22
21
20
19
18
CC1
CC2
VBUS_SENSE
A_B_SIDE
TX_EN
MISO
ADDR0
RESET
SCLK
EP
14
13
15
16
17
4
5
3
2
1
6
7
CC1DB
CC2DB
VCONN
8
9
10
11
12
2.2
Pin list
Table 1. Pin functions list
Pin
Name
Type
Description
Typical connection
1
CC1DB
HV AIO
Dead battery enable on CC1 pin
CC1 pin if used or ground
2
CC1
HV AIO
Type-C configuration channel 1
Type-C receptacle A5
3
VCONN
PWR
Power input for active plug
5 V power source
4
CC2
HV AIO
Type-C configuration channel 2
Type-C receptacle B5
5
CC2DB
HV AIO
Dead battery enable on CC2 pin
CC2 pin if used or ground
6
RESET
DI
Reset input (active high)
7
SCL
DI
I²C clock input
To I²C master, ext. pull-up
8
SDA
DI/OD
I²C data input/output, active low open drain
To I²C master, ext. pull-up
9
ALERT#
OD
I²C interrupt, active low open drain
To I²C master, ext. pull-up
10
GND
GND
Ground
Ground
11
MOSI
DO
Master out slave in: serial data from
STUSB1602 to MCU, BMC decoded from
connected CC line
To MCU, ext. pull-up referenced to
MCU Vio
12
NSS
OD
Chip select, open drain active low to control
MCU SPI/MSP interface
To MCU, ext. pull-up referenced to
MCU Vio
STUSB1602
Inputs / outputs
DS11254 - Rev 5
page 3/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com