Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB1602 Datasheet HTML 1Page - STMicroelectronics STUSB1602 Datasheet HTML 2Page - STMicroelectronics STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
Functional description
The STUSB1602 is a high voltage standalone USB Type-C controller also acting as a USB PD TX/RX physical
layer for an external MCU. It is designed to interface with the Type-C receptacle on host side. It is used to
establish and manage the source-to-sink connection between two USB Type-C host and device ports.
The STUSB1602 major role is to:
1.
Detect the connection between two USB Type-C ports (attach detection)
2.
Establish a valid source-to-sink connection
3.
Determine the attached device mode: source, sink or accessory
4.
Resolve cable orientation and twist connections to establish USB data routing (MUX control)
5.
Configure and monitor VBUS power path
6.
Manage VBUS power capability: USB default, Type-C medium or Type-C high current mode
7.
Configure VCONN when required
8.
Support USB PD negotiation
The STUSB1602 also provides:
Dead battery mode
I²C interface and interrupt
Start-up configuration customization: static through NVM and/or dynamic through I²C
High voltage protection
Accessory mode detection
Figure 1. Functional block diagram
STUSB1602
Functional description
DS11254 - Rev 5
page 2/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com