Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 4 Page - STMicroelectronics

  STUSB1602 Datasheet HTML 1Page - STMicroelectronics STUSB1602 Datasheet HTML 2Page - STMicroelectronics STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Pin
Name
Type
Description
Typical connection
13
ADDR0
DI
I²C device address setting (see Section 5 I²C
interface)
Static
14
MISO
DI
Master in slave out: serial data from MCU to
STUSB1602 encoded in BMC to drive the CC
line
From MCU, ext. pull-up referenced
to MCU Vio
15
TX_EN
DI
TX enable, open drain active high to drive CC
line from the embedded BMC interface
From MCU, needs to be
maintained low by MCU or pulled
down when receiving standby
16
SCLK
DO
Serial clock to clock data transfer between
MCU and the STUSB1602. Open drain output
pin, needs external pull-up referenced to MCU
Vio
To MCU, ext. pull-up referenced to
MCU Vio
17
A_B_SIDE
OD
Cable orientation, active low open drain
USB super speed MUX select, ext.
pull-up
18
VBUS_SENSE
HV AI
VBUS voltage monitoring and discharge path
From VBUS
19
VBUS_EN_SNK
HV AIO
VBUS sink power path enable,
active low open drain
To switch or power system, ext.
pull-up
20
VBUS_EN_SRC
HV AIO
VBUS source power path enable, active low
open drain
To switch or power system, ext.
pull-up
21
VREG_1V2
PWR
1.2 V internal regulator output
1 µF typ. decoupling capacitor
22
VSYS
PWR
Power supply from system
From power system, connect to
ground if not used
23
VREG_2V7
PWR
2.7 V internal regulator output
1 µF typ. decoupling capacitor
24
VDD
HV PWR
Main power supply from USB power line
From VBUS
-
EP
GND
Exposed pad is connected to ground
To ground
Table 2. Pin function descriptions
Type
Description
D
Digital
A
Analog
O
Output pad
I
Input pad
IO
Bidirectional pad
OD
Open drain output
PD
Pull-down
PU
Pull-up
HV
High voltage
PWR
Power
GND
Ground
STUSB1602
Pin list
DS11254 - Rev 5
page 4/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com