Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 24Page - STMicroelectronics STUSB1602 Datasheet HTML 25Page - STMicroelectronics STUSB1602 Datasheet HTML 26Page - STMicroelectronics STUSB1602 Datasheet HTML 27Page - STMicroelectronics STUSB1602 Datasheet HTML 28Page - STMicroelectronics STUSB1602 Datasheet HTML 29Page - STMicroelectronics STUSB1602 Datasheet HTML 30Page - STMicroelectronics STUSB1602 Datasheet HTML 31Page - STMicroelectronics STUSB1602 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IOCP
Overcurrent
protection
Programmable current limit threshold
(from 100 mA to 600 mA by step of 50 mA)
550
mA
600
650
VOVP
Output
overvoltage
protection
5.9
6.0
6.1
V
VUVP
Input
undervoltage
protection
Low UVLO threshold
2.6
2.7
V
High UVLO threshold (default)
4.6
4.8
VBUS monitoring and driving
VTHUSB
VBUS presence
threshold
VSYS = 3.0 to 5.5 V
3.8
3.9
4.0
V
VTH0V
VBUS safe 0
V threshold
(vSafe0V)
VSYS = 3.0 to 5.5 V
0.5
0.6
0.7
V
Programmable threshold
0.8
0.9
1
V
Programmable threshold from 0.6 V to 1.8 V
1.1
1.2
1.3
V
Default VTHOV = 0.6 V
1.7
1.8
1.9
V
RDISUSB
VBUS discharge
resistor
600
700
800
Ω
TDISUSB (1)
VBUS discharge
time to 0V
Default TDISPARAM = 840 ms, the coefficient TDISPARAM
is programmable by NVM
70
84
100
ms
VBUS discharge
time to PDO
Default TDISPARAM = 200 ms, the coefficient TDISPARAM
is programmable by NVM
20
24
28
VMONUSBH
VBUS monitoring
high voltage
threshold
VBUS = nominal target value, default VMONUSBH = VBUS
+10 %, the threshold limit is programmable by NVM
from +5 % to +20 %
VBUS +
10%
V
VMONUSBL
VBUS monitoring
low voltage
threshold
VBUS = nominal target value, default VMONUSBL = VBUS
-10 %, the threshold limit is programmable by NVM from
-20 % to -5 %
VBUS -
10%
V
Digital input/output (SCL, SDA, ALERT#, A_B_SIDE, MOSI, MISO, NSS, TX_EN, SCLK)
VIH
High level input
voltage
1.2
V
VIL
Low level input
voltage
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
20 V open drain outputs (VBUS_EN_SRC, VBUS_EN_SNK)
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
1. TDISPARAM
STUSB1602
Electrical and timing characteristics
DS11254 - Rev 5
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com