Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 138Page - STMicroelectronics ST25DV64K Datasheet HTML 139Page - STMicroelectronics ST25DV64K Datasheet HTML 140Page - STMicroelectronics ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 200 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICC0_MB
Operating Supply current (Device
select MB Address) Write(1)
VCC = 5.5 V, fC = 1MHz
(rise/fall time < 50 ns)
µA
-
520
600
ICC1
(LPD = 1)
Low Power Down supply current
VCC = 1.8 V
-
2.5
5
µA
VCC = 3.3 V
-
3
6
VCC = 5.5 V
-
4
7
ICC1_PON
(LPD = 0)
Static Standby supply current after
power ON or device select stop or
time out
VCC = 1.8 V
-
78
110
µA
VCC = 3.3 V
-
82
110
VCC = 5.5 V
-
95
130
VIL
Input low voltage (SDA, SCL)
VCC = 1.8 V
- 0.45
-
0.25 VCC
V
VCC = 3.3 V
- 0.45
-
0.3 VCC
VCC = 5.5 V
- 0.45
-
0.3 VCC
VIL_LPD
Input low voltage (LPD)
VCC = 3.3 V
- 0.45
-
0.2 VCC
V
VIH
Input high voltage (SDA, SCL)
VCC = 1.8 V
0.75 VCC
-
VCC + 1
V
VCC = 3.3 V
0.75 VCC
-
VCC + 1
VCC = 5.5 V
0.75 VCC
-
VCC + 1
VIH_LPD
Input high voltage (LPD)
VCC = 1.8 V
0.85 VCC
-
VCC + 1
V
VCC = 3.3 V
0.85 VCC
-
VCC + 1
VCC = 5.5 V
0.85 VCC
-
VCC + 1
VOL_SDA
Output low voltage SDA (1 MHz)
IOL = 1 mA, VCC = 1.8 V
-
0.05
0.4
V
IOL = 2.1 mA, VCC = 3.3 V
-
0.08
0.4
IOL = 3 mA, VCC = 5.5 V
-
0.1
0.4
VCC_Powe
r_up
Device Select Acknowledge
fC = 100 KHz
-
1.48
1.7
V
1. SCL, SDA connected to Ground or VCC. SDA connected to VCC through a pull-up resistor.
Table 248. I2C AC characteristics up to 85°C
Test conditions specified in Table 243. I2C operating conditions
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0.05
1000
kHz
tCHCL
tHIGH
Clock pulse width high
0.26
25000 (1)
µs
tCLCH
tLOW
Clock pulse width low
0.5
25000 (2)
µs
tSTART_OUT
-
I²C timeout on Start condition
35
-
ms
tXH1XH2
tR
Input signal rise time
(3)
(3)
ns
tXL1XL2
tF
Input signal fall time
(3)
(3)
ns
tDL1DL2 (4)
tF
SDA (out) fall time
20
120
ns
tDXCX
tSU:DAT
Data in set up time
0
-
ns
tCLDX
tHD:DAT
Data in hold time
0
-
ns
tCLQX (5)
tDH
Data out hold time
100
-
ns
ST25DV04K ST25DV16K ST25DV64K
I2C DC and AC parameters
DS10925 - Rev 9
page 142/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com