Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics ST25DV64K Datasheet HTML 147Page - STMicroelectronics ST25DV64K Datasheet HTML 148Page - STMicroelectronics ST25DV64K Datasheet HTML 149Page - STMicroelectronics ST25DV64K Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 200 page
background image
9.3
GPO characteristics
This section summarizes the operating and measurement conditions of the GPO feature. The parameters in the
DC and AC characteristic tables that follow are derived from tests performed under the measurement conditions
summarized in the relevant tables.
Table 250. GPO DC characteristics up to 85°C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOL_GPO_CMOS
Output low voltage
(GPO CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
VOH_GPO_CMOS
Output high voltage
(GPO CMOS)
VDCG = 1.8 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
V
VDCG = 3.3 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
VDCG = 5.5 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
VOL_GPO_OD
Output low voltage
(GPO open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28
0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.20
0.4
IOL = 1 mA, VCC = 5.5 V
-
0.20
0.4
IL_GPO_OD
Output leakage
(GPO open drain)
GPO in Hi-Z, external
voltage applied on:
GPO, VSS or VCC
- 0.15
0.06
0.15
µA
ILI_VDGC
Input leakage (VDGC)
VDGC = 5.5 V
-
-
0.1
µA
Table 251. GPO DC characteristics up to 125°C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOL_GPO_CMOS
Output low voltage
(GPO CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
VOH_GPO_CMOS
Output high voltage
(GPO CMOS)
VDCG = 1.8 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
V
VDCG = 3.3 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
VDCG = 5.5 V, IOH = - 0.5 mA
VDCG - 0.4
-
-
VOL_GPO_OD
Output low voltage
(GPO open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28
0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.22
0.4
IOL = 1 mA, VCC = 5.5 V
-
0.21
0.4
IL_GPO_OD
Output leakage
(GPO open drain)
GPO in Hi-Z, external voltage applied on
GPO: VSS or VCC
- 0.15
0.06
0.15
µA
ILI_VDGC
Input leakage (VDGC)
VDGC = 5.5 V
-
-
0.1
µA
Table 252. GPO AC characteristics
Symbol
Parameter
Condition
Min
Max
Unit
tr_GPO_CMOS
Output rise time
CL = 30 pF, VDCG = 1.8 V to 5.5 V
-
50
ns
tf_GPO_CMOS
Output fall time
CL = 30 pF, VDCG = 1.8 V to 5.5 V
-
50
ST25DV04K ST25DV16K ST25DV64K
GPO characteristics
DS10925 - Rev 9
page 146/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com