Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics ST25DV64K Datasheet HTML 147Page - STMicroelectronics ST25DV64K Datasheet HTML 148Page - STMicroelectronics ST25DV64K Datasheet HTML 149Page - STMicroelectronics ST25DV64K Datasheet HTML 150Page - STMicroelectronics ST25DV64K Datasheet HTML 151Page - STMicroelectronics ST25DV64K Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 200 page
background image
Note:
TA=-40 to 105°C. Characterized only.
All timing characterization where performed on a reference antenna witht the following characteristics:
•
ISO antenna class 1
•
Tuning frequency = 13.7 MHz.
Table 254. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
Range 6
-40
85
°C
Range 8
-40
105
Figure 77 shows an ASK modulated signal from the VCD to the ST25DVxxx. The test conditions for the AC/DC
parameters are:
•
Close coupling condition with tester antenna (1 mm)
•
ST25DVxxx performance measured at the tag antenna
•
ST25DVxxx synchronous timing, transmit and receive
Figure 77. ASK modulated signal
A
B
tRFF
tRFR
tRFSBL
tM IN CD
fCC
ST25DV04K ST25DV16K ST25DV64K
RF electrical parameters
DS10925 - Rev 9
page 148/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com