Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 47Page - STMicroelectronics ST25TV02K Datasheet HTML 48Page - STMicroelectronics ST25TV02K Datasheet HTML 49Page - STMicroelectronics ST25TV02K Datasheet HTML 50Page - STMicroelectronics ST25TV02K Datasheet HTML 51Page - STMicroelectronics ST25TV02K Datasheet HTML 52Page - STMicroelectronics ST25TV02K Datasheet HTML 53Page - STMicroelectronics ST25TV02K Datasheet HTML 54Page - STMicroelectronics ST25TV02K Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Figure 24. Write Configuration frame exchange between VCD and ST25TV02K/512
SOF
Write
Configuration
request
VCD
EOF
ST25TV02K/512
t1
SOF
Write
Configuration
response
EOF
ST25TV02K/512
Wt
Write Configuration
sequence when error
SOF
Write
Configuration
response
EOF
6.4.20
Write Password
On receiving the Write Password command, the ST25TV02K/512 use the data contained in the request to write
the password and reports whether the operation was successful in the response. It is possible to modify a
Password value only after issuing a valid Present password command (of the same password number). When
the Option_flag is set, wait for EOF to respond. Refer to Section 5.2 Data protection for details on password
Management.
During the RF write cycle time, Wt, there must be no modulation at all (neither 100% nor 10%), otherwise the
ST25TV02K/512 may not correctly program the data into the memory.
The Wt time is equal to t1nom + N × 302 µs (N is an integer). After a successful write, the new value of the
selected password is automatically activated. It is not required to present the new password value until the
ST25TV02K/512 power-down.
There is no anti-tearing mechanism during Write_Password command. Command must be applied with stable RF
field. Otherwise the write operation may not complete properly, and could imply a loss/corruption of password
content with no recovery capability.
It is recommended to use Write_Password command in Addressed or Selected modes, in order to improve the
system robustness. This allows to ensure that Password change is only applied to the concerned tag/UID.
Table 90. Write Password request format
Request SOF Request_flags
Write
password
IC Mfg code UID (1)
Password
number
Data
CRC16 Request EOF
-
8 bits
B1h
02h
64 bits 8 bits
32 bits 16 bits
-
1. The field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
Password number:
–
00h = PWD_KILL or PWD_UNTRACEABLE
–
01h = PWD_1
–
02h = PWD_2
–
03h = PWD_CFG
–
other = Error
•
Data
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 51/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com