Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 14Page - STMicroelectronics ST25TV02K Datasheet HTML 15Page - STMicroelectronics ST25TV02K Datasheet HTML 16Page - STMicroelectronics ST25TV02K Datasheet HTML 17Page - STMicroelectronics ST25TV02K Datasheet HTML 18Page - STMicroelectronics ST25TV02K Datasheet HTML 19Page - STMicroelectronics ST25TV02K Datasheet HTML 20Page - STMicroelectronics ST25TV02K Datasheet HTML 21Page - STMicroelectronics ST25TV02K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
5.5.3
EAS configuration
Table 20. EAS_CFG
RF
Command
Enable EAS (cmd code A5h) with option flag set to 1 and mask length ≠ 00h and EAS_ID, or
with option flag set to 0
Write EAS config (cmd code A8h)
Type
WO: possible under conditions set in the EAS_SEC configuration register and configuration
not locked
Bit
Name
Function
Factory value
b1-b0
EAS_CFG
Electronic article surveillance identifier configuration:
00: 256 bit payload (EAS block 1 to 8)
01: 128 bit payload (EAS block 1 to 4)
10: 64 bit payload (EAS block 1 to 2)
11: 32 bit payload (EAS block 1)
00h
b15-b2
RFU
-
000000b
The EAS parameters (ID, Telegram, mode (set/reset) can be definitely locked with the Lock EAS command (refer
to Section 6.4.27 Lock EAS).
5.5.4
EAS description
The EAS (electronic article surveillance) feature is mainly used for library management, applications, requiring an
anti-theft protection.
This is programmable and configured by custom commands and optionally protected by the configuration
password (when programming EAS_SEC to 1) and can be locked.
A telegram can be stored using standard write command depending of its configured length (EAS block 1 – EAS
Block 8).
The EAS feature can be activated, reset, locked using a set of custom commands (see Section 6.4.24 Set EAS,
Section 6.4.25 Reset EAS, Section 6.4.26 Enable EAS, Section 6.4.27 Lock EAS, Section 6.4.28 Write EAS
ID and Section 6.4.29 Write EAS CONFIG).
The EAS feature is reset (deactivated) by default.
ST25TV02K ST25TV512
Electronic article surveillance (EAS)
DS12074 - Rev 11
page 18/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com