Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 16Page - STMicroelectronics ST25TV02K Datasheet HTML 17Page - STMicroelectronics ST25TV02K Datasheet HTML 18Page - STMicroelectronics ST25TV02K Datasheet HTML 19Page - STMicroelectronics ST25TV02K Datasheet HTML 20Page - STMicroelectronics ST25TV02K Datasheet HTML 21Page - STMicroelectronics ST25TV02K Datasheet HTML 22Page - STMicroelectronics ST25TV02K Datasheet HTML 23Page - STMicroelectronics ST25TV02K Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
5.6
TruST25 digital signature
ST25TV02K/512 support TruST25 digital signature, a feature that allows to verify the authenticity of the device,
based on a unique digital signature.
TruST25 solution encompasses secure industrialization processes and tools deployed by STMicroelectronics to
generate, store and check the signature in the device.
Table 21. KID
Bit
Command
Read Cfg (cmd code A0h) @7h
Type
RO
Name
Function
Factory value
b7-b0
KID
Contains a key identifier used for TruST25 digital signature
identification and possible revocation.
ST key number
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands for
the KID register.
5.7
Counter
5.7.1
Counter registers
Counter configuration
Table 22. CNT_CFG
Bit
Command
Read Cfg (cmd code A0h) @3h
Write Cfg (cmd code A1h) @3h
Type
R: always possible
W: if RF configuration security session is open (the proper configuration password has been
presented before) and configuration not locked.
Name
Function
Factory value
b0
CNT_EN
Counter enable
0: counter is disabled
1: counter is enabled on successful write operation (one increment
per RF session)
0b
b1
CNT_CLR
Counter clear:
0: don’t care
1: counter is cleared and automatically disabled (CNT_EN is put to 0)
This bit is self-cleared
0b
b7-b2
RFU
-
000000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands for
the CNT_CFG register.
Counter value
Table 23. CNT_VAL
Bit
Command
Read Cfg (cmd code A0h) @4h
ST25TV02K ST25TV512
TruST25 digital signature
DS12074 - Rev 11
page 20/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com