Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 73Page - STMicroelectronics ST25TV02K Datasheet HTML 74Page - STMicroelectronics ST25TV02K Datasheet HTML 75Page - STMicroelectronics ST25TV02K Datasheet HTML 76Page - STMicroelectronics ST25TV02K Datasheet HTML 77Page - STMicroelectronics ST25TV02K Datasheet HTML 78Page - STMicroelectronics ST25TV02K Datasheet HTML 79Page - STMicroelectronics ST25TV02K Datasheet HTML 80Page - STMicroelectronics ST25TV02K Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Appendix A Bit representation and coding for fast commands
Data bits are encoded using Manchester coding, according to the following schemes. For the low data rate, same
subcarrier frequency or frequencies is/are used. In this case, the number of pulses is multiplied by 4 and all times
increase by this factor. For the fast commands using one subcarrier, all pulse numbers and times are divided by
two.
A.1
Bit coding using one subcarrier
A.1.1
High data rate
For the fast commands, a logic 0 starts with four pulses at 423.75 kHz (fC / 32) followed by an unmodulated time
of 9.44 µs, as shown in Figure 32.
Figure 32. Logic 0, high data rate, fast commands
18.88 µs
For the fast commands, a logic 1 starts with an unmodulated time of 9.44 µs followed by four pulses of 423.75
kHz (fC / 32), as shown in Figure 33 .
Figure 33. Logic 1, high data rate, fast commands
18.88 µs
A.1.2
Low data rate
For the fast commands, a logic 0 starts with 16 pulses at 423.75 kHz (fC / 32) followed by an unmodulated time of
37.76 µs, as shown in Figure 34.
Figure 34. Logic 0, low data rate, fast commands
75.52 µs
For the fast commands, a logic 1 starts with an unmodulated time of 37.76 µs followed by 16 pulses at 423.75
kHz (fC / 32), as shown in Figure 35.
Figure 35. Logic 1, low data rate, fast commands
75.52 µs
Note:
For fast commands, bit coding using two subcarriers is not supported.
ST25TV02K ST25TV512
Bit representation and coding for fast commands
DS12074 - Rev 11
page 77/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com