Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 68Page - STMicroelectronics ST25TV02K Datasheet HTML 69Page - STMicroelectronics ST25TV02K Datasheet HTML 70Page - STMicroelectronics ST25TV02K Datasheet HTML 71Page - STMicroelectronics ST25TV02K Datasheet HTML 72Page - STMicroelectronics ST25TV02K Datasheet HTML 73Page - STMicroelectronics ST25TV02K Datasheet HTML 74Page - STMicroelectronics ST25TV02K Datasheet HTML 75Page - STMicroelectronics ST25TV02K Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
8
Device parameters
8.1
Maximum ratings
Stressing the device above the ratings listed in Table 152. Absolute maximum ratings may permanently damage
it. These are stress ratings only and operation of the device, at these or any other conditions above those
indicated in the operating sections of this specification, is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect the device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 152. Absolute maximum ratings
Symbol
Parameter
Min. Max.
Unit
TA
Ambient operating temperature
- 40 85
°C
TSTG
Storage temperature
UFDFPN5
-65
150
°C
Sawn wafer on UV tape kept in its original packing
form
15
25
°C
tSTG
Retain
-
9 (1)
months
VMAX_1 (2)
RF input voltage amplitude peak to peak between
AC0 and AC1, VSS pin left floating
VAC0 - VAC1
-
11
V
VESD
Electrostatic discharge voltage (3)(human body model) All pins
-
1500 V
1. Counted from ST production date.
2. Based on characterization, not tested in production.
3. ANSI/ESDA/JEDEC JS-001-2012, C = 100 pF, R = 1500 Ω, R2 = 500 Ω
8.2
RF electrical parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device in RF mode.
The parameters in the DC and AC characteristics tables that follow are derived from tests performed under the
Measurement Conditions summarized in the relevant tables. Designers should check that the operating conditions
in their circuit match the measurement conditions when relying on the quoted parameters.
Table 153. RF characteristics
Symbol
Parameter
Condition(1)(2)
Min
Typ
Max
Unit
fCC
External RF signal frequency
13.553 13.56 13.567
MHz
MICARRIER
10% carrier modulation index (3)
10
-
30
%
100% carrier modulation index
-
95
-
100
tBoot_RF
RF Boot time (Minimum time from carrier generation to first data)
From H-field min
-
-
1
ms
fSH
Subcarrier frequency high
FCC/32
-
423.75
-
kHz
fSL
Subcarrier frequency low
FCC/28
-
484.28
-
kHz
t1
VICC response delay
-
318.6
320.9
323.3
µs
t2
VCD new request delay
-
309
311.5
314
µs
t3
VCD new request delay when no response is received from the
VICC
-
323.3
-
-
µs
Wt
Time for Write operation (including internal Verify) (4)
1 Block
-
5.2
-
ms
ST25TV02K ST25TV512
Device parameters
DS12074 - Rev 11
page 72/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com