Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 7Page - STMicroelectronics ST25TV02K Datasheet HTML 8Page - STMicroelectronics ST25TV02K Datasheet HTML 9Page - STMicroelectronics ST25TV02K Datasheet HTML 10Page - STMicroelectronics ST25TV02K Datasheet HTML 11Page - STMicroelectronics ST25TV02K Datasheet HTML 12Page - STMicroelectronics ST25TV02K Datasheet HTML 13Page - STMicroelectronics ST25TV02K Datasheet HTML 14Page - STMicroelectronics ST25TV02K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
5.1.2
Kill mode description
KILL register allows the user to permanently kill the ST25TV02K/512 tag.
Two working modes are offered by ST25TV02K/512:
•
Kill mute mode:
–
When KILL_MUTE is set with the Kill command code, the ST25TV02K/512 are killed. They can not be
read or written and stays mute to any request. Kill mute mode is definitive.
•
Normal mode:
–
In normal usage, KILL_MUTE is set to 0, ST25TV02K/512 will process the request and respond
accordingly.
The Kill Password PWD_KILL must be presented in the Kill command for setting the Kill Mute mode.
Kill Password lock
By default, the Kill password is not write protected. The kill password can be locked with Lock kill (cmd code B2h).
For safe operation, it is recommended to change the default value of the Kill Password and lock it even if not used
in the final product
When not used in an end application, a random value should be written into the KILL_PWD and the KILL_PWD
should be locked with Lock kill.
5.2
Data protection
ST25TV02K/512 provide a special data protection mechanism based on encrypted passwords that unlock
security sessions.
User memory can be protected for read and/or write access and system configuration can be protected from write
access. User memory can also be permanently locked. Each block can be independently locked from each other
with the Lock block command (refer to Section 6.4.8 Lock block).
5.2.1
Data protection registers
Table 8. A1SS
RF
Command
Read Configuration (cmd code A0h) @00h
Write Configuration (cmd code A1h) @00h
Type
R always, W if configuration security session is open and configuration not locked
Bit
Name
Function
Factory value
b1-b0
RW_PROTECTION_A1
Area 1 access rights:
00: Area 1 access: Read is always allowed / Write always allowed
01: Area 1 access: Read is always allowed and if user security
session is open (i.e. the proper area 1 password has been presented),
write is allowed.
10: Area 1 access: Read and Write are allowed only if user security
session is open (the proper area 1 password has been presented).
11: Area 1 access: Read is allowed only if user security session is
open (the proper area 1 password has been presented). Write is
always forbidden.
00b
b2
MEM_ORG
0: memory is split in three areas (Areas 0, 1 and 2)
1: memory is composed of two areas (Areas 0 and 1)
1b
b7-b3
RFU
-
00000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands
ST25TV02K ST25TV512
Data protection
DS12074 - Rev 11
page 11/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com