Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 35Page - STMicroelectronics ST25TV02K Datasheet HTML 36Page - STMicroelectronics ST25TV02K Datasheet HTML 37Page - STMicroelectronics ST25TV02K Datasheet HTML 38Page - STMicroelectronics ST25TV02K Datasheet HTML 39Page - STMicroelectronics ST25TV02K Datasheet HTML 40Page - STMicroelectronics ST25TV02K Datasheet HTML 41Page - STMicroelectronics ST25TV02K Datasheet HTML 42Page - STMicroelectronics ST25TV02K Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Figure 13. Lock single block frame exchange between VCD and ST25TV02K/512
SOF
Lock block
request
VCD
EOF
ST25TV02K/512
t1
SOF
Lock block
response
EOF
SOF
Lock block
response
EOF
ST25TV02K/512
Wt
Lock sequence
when error
6.4.9
Read Multiple Blocks
When receiving the Read Multiple Block command, the ST25TV02K/512 read the selected blocks and sends back
their value in multiples of 32 bits in the response. The blocks are numbered from 00h to 3Fh in the request and
the value is minus one (-1) in the field. For example, if the “Number of blocks” field contains the value 06h, seven
blocks are read. When the Option_flag is set, the response returns the Block Security Status.
When a read multiple starts in an area with read access authorized and finishes in an area without read access
authorized, only the data available in the area with read access authorized is returned. When a read access starts
in an area with no read access authorized, an error is returned.
Block number is coded on 1 Byte.
Table 55. Read Multiple Block request format
Request SOF Request_flags
Read Multiple
Block
UID (1)
First block
number
Number of blocks CRC16 Request EOF
-
8 bits
23h
64 bits 8 bits
8 bits
16 bits
-
1. The field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
First block number
•
Number of blocks
Table 56. Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_
flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
1. The field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 57. Block security status)
•
N blocks of data
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 39/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com