Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 62Page - STMicroelectronics ST25TV02K Datasheet HTML 63Page - STMicroelectronics ST25TV02K Datasheet HTML 64Page - STMicroelectronics ST25TV02K Datasheet HTML 65Page - STMicroelectronics ST25TV02K Datasheet HTML 66Page - STMicroelectronics ST25TV02K Datasheet HTML 67Page - STMicroelectronics ST25TV02K Datasheet HTML 68Page - STMicroelectronics ST25TV02K Datasheet HTML 69Page - STMicroelectronics ST25TV02K Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
tSOF is the time required by the ST25TV02K/512 to transmit an SOF to the VCD
tNRT is the nominal response time of the ST25TV02K/512
tNRT and tSOF are dependent on the ST25TV02K/512-to-VCD data rate and subcarrier modulation
mode.
6.4.36
Initiate
On receiving the Initiate command, the ST25TV02K/512 set the internal Initiate_flag and sends back a response.
The command has to be issued in the Non Addressed mode only (Select_flag is reset to 0 and Address_flag is
reset to 0). If an error occurs, the ST25TV02K/512 do not generate any answer.
The Initiate_flag is reset after a power off of the ST25TV02K/512.
The request contains:
Table 137. Initiate request format
Request SOF
Request_flags
Initiate
IC Mfg code
CRC16 request
EOF
-
8 bits
D2h
02h
16 bits
-
Request parameters:
Request flags
Initiated command code
Table 138. Initiate response format when Error_flag is NOT set
Response SOF
Response_flags
DSFID
UID
CRC16 request
EOF
-
8 bits
8 bits
64 bits
16 bits
-
Response parameter:
DSFID
Unique ID
6.4.37
Inventory read
The Inventory read performs an inventory followed by a multiple block read.
If an error is detected, no matter if on the inventory or the read part, ST25TV02K/512 do not answer.
The request contains:
Table 139. Inventory read request format
Request
SOF
Request_flags
Inventory
Read
IC Mfg
code
AFI (1)
Mask
length
Mask
value
First
block
number
Number
of blocks
CRC16
request
EOF
-
8 bits
D3h
02h
8 bits
8 bits
0 -64 bits
8 bits
8 bits
16 bits
-
1. The field is optional.
Request parameters:
Request flags. (The Nb_slots flag (bit 6) of the Request flags bits 5 to 8 described in , must be set to 1 for 1
slot inventory. 16 slot inventory is not supported in the inventory read command.
Inventory read command code
AFI if the AFI flag is set
Mask length
Mask value
First block number
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 66/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com