Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 55Page - STMicroelectronics ST25TV02K Datasheet HTML 56Page - STMicroelectronics ST25TV02K Datasheet HTML 57Page - STMicroelectronics ST25TV02K Datasheet HTML 58Page - STMicroelectronics ST25TV02K Datasheet HTML 59Page - STMicroelectronics ST25TV02K Datasheet HTML 60Page - STMicroelectronics ST25TV02K Datasheet HTML 61Page - STMicroelectronics ST25TV02K Datasheet HTML 62Page - STMicroelectronics ST25TV02K Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
6.4.27
Lock EAS
The EAS ID, the Telegram, the EAS telegram and EAS mode (reset/set) configuration can be locked definitively
with the lock_EAS command. It is not possible to unlock these EAS states once locked (even if presenting the
configuration password).
If the EAS configuration is password protected, the configuration password has to be first presented for the lock to
be performed
The lock_single_block command is not authorized on the EAS telegram blocks and will return an error.
Table 112. Lock EAS request format
Request SOF
Request_flags
Lock EAS
IC Mfg code
UID (1)
CRC16 request
EOF
-
8 bits
A4h
02h
64 bits
16 bits
-
1. The field is optional.
Request parameters:
Request flags
UID (optional)
Table 113. Lock EAS response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16 request
EOF
-
8 bits
16 bits
-
Response parameter:
No parameter
Table 114. Lock EAS response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
Error code as Error_flag is set
03h: command option is not supported
11h: the configuration is already locked and thus cannot be locked again
12h: the configuration cannot be changed as either the security session is closed, or locked
13h: the configuration could not be successfully programmed
6.4.28
Write EAS ID
This command writes a new EAS ID (16 bits words stored in the configuration area)
If the EAS parameters are protected by the configuration password then the command can be executed only if the
configuration password has been successfully presented earlier in the same session.
If EAS is locked, the command is not authorized and the ST25TV02K/512 will return an error.
Table 115. Write EAS ID request format
Request SOF
Request_flags
Write EAS ID
IC Mfg code
UID (1)
EAS ID
CRC16 request
EOF
-
8 bits
A7h
02h
64 bits
16 bits
16 bits
-
1. The field is optional.
Request parameters:
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 59/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com