Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 53Page - STMicroelectronics ST25TV02K Datasheet HTML 54Page - STMicroelectronics ST25TV02K Datasheet HTML 55Page - STMicroelectronics ST25TV02K Datasheet HTML 56Page - STMicroelectronics ST25TV02K Datasheet HTML 57Page - STMicroelectronics ST25TV02K Datasheet HTML 58Page - STMicroelectronics ST25TV02K Datasheet HTML 59Page - STMicroelectronics ST25TV02K Datasheet HTML 60Page - STMicroelectronics ST25TV02K Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Table 105. Set EAS response when Error_flag is NOT set
Response SOF
Response flags
CRC16 request
EOF
-
8 bits
16 bits
-
Response parameter:
No parameter
Table 106. Set EAS response when Error_flag is set
Response SOF
Response flags
Error code
CRC16 request
EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
Error code as Error_flag is set
03h: command option is not supported
12h: the EAS configuration cannot be changed as eith the security session is closed, or locked
13h: the EAS configuration was not successfully programmed
6.4.25
Reset EAS
The Reset EAS command is used to deactivate the EAS if the EAS feature is not locked nor protected by the
configuration password.
If the EAS mode is locked, the Reset EAS command will be ignored, and the ST25TV02K/512 respond with an
error.
When the EAS mode is not locked:
If the EAS mode is not protected by password, the Reset EAS command will clear the EAS mode.
If the EAS mode is password protected the configuration password has to be first transmitted with the
PRESENT PASSWORD command. Then the reset EAS command can be executed, and will clear the EAS
mode
If the EAS mode is password protected, but the PRESENT PASSWORD has not been transmitted before or
not successful, the reset EAS command is not executed and the ST25TV02K/512 respond with an error
Table 107. Reset EAS request format
Request SOF
Request_flags
Reset EAS
IC Mfg code
UID (1)
CRC16 request
EOF
-
8 bits
A3h
02h
64 bits
16 bits
-
1. The field is optional.
Request parameters:
Request flags
UID (optionfal)
Table 108. Reset EAS format when Error_flag is NOT set
Response SOF
Response_flags
CRC16 request
EOF
-
8 bits
16 bits
-
Response parameter:
No parameter
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 57/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com