Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 20Page - STMicroelectronics ST25TV02K Datasheet HTML 21Page - STMicroelectronics ST25TV02K Datasheet HTML 22Page - STMicroelectronics ST25TV02K Datasheet HTML 23Page - STMicroelectronics ST25TV02K Datasheet HTML 24Page - STMicroelectronics ST25TV02K Datasheet HTML 25Page - STMicroelectronics ST25TV02K Datasheet HTML 26Page - STMicroelectronics ST25TV02K Datasheet HTML 27Page - STMicroelectronics ST25TV02K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
b7-b0
UID
ISO/IEC 15693 UID byte 0 (LSB)
IC manufacturer
serial number
b7-b0
ISO/IEC 15693 UID byte 1
b7-b0
ISO/IEC 15693 UID byte 2
b7-b0
ISO/IEC 15693 UID byte 3
b7-b0
ISO/IEC 15693 UID byte 4
b7-b0
ISO/IEC 15693 UID byte 5: ST Product code
23h
b7-b0
ISO/IEC 15693 UID byte 6: IC Mfg code
02h
b7-b0
ISO/IEC 15693 UID byte 7 (MSB)
E0h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
UID register.
ST25TV02K ST25TV512
Device parameter registers
DS12074 - Rev 11
page 24/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com